Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 8 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 4Page - Microchip Technology ATA663201 Datasheet HTML 5Page - Microchip Technology ATA663201 Datasheet HTML 6Page - Microchip Technology ATA663201 Datasheet HTML 7Page - Microchip Technology ATA663201 Datasheet HTML 8Page - Microchip Technology ATA663201 Datasheet HTML 9Page - Microchip Technology ATA663201 Datasheet HTML 10Page - Microchip Technology ATA663201 Datasheet HTML 11Page - Microchip Technology ATA663201 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ATA663201/03/31/54
DS20006075D-page 8
 2018-2021 Microchip Technology Inc.
FIGURE 1-6:
LIN WAKE-UP FROM SLEEP MODE
1.3.2
WAKE-UP SOURCE RECOGNITION
(SBC ONLY)
The device can distinguish between different wake-up
sources. The wake-up source can be read on the TXD
and RXD pin in Fail-Safe mode. These flags are
immediately reset if the microcontroller sets the EN pin
to high and the IC is in Normal mode.
1.4
Behavior Under Low Supply
Voltage Condition
After the battery voltage has been connected to the
application circuit, the voltage at the VS pin increases
according to the block capacitor used in the application
(see Figure 1-14). If VVS is higher than the minimum
VS operation threshold VVS_th_U_F_up, the IC mode
changes from unpowered mode to Fail-Safe mode. As
soon as VVS exceeds the undervoltage threshold
VVS_th_F_N_up, the LIN transceiver can be activated.
The VCC output voltage reaches its nominal value after
tVCC. This parameter depends on the externally applied
VCC capacitor and the load. The NRES output is low
for the reset time delay treset. No mode change is
possible during this time treset.
The behavior of VCC, NRES and VS is shown in
Figures 1-7 to Figure 1-10 (ramp-up and ramp-down).
tVCC
Off state
On state
Low
Fail- afe Mode
Normal Mode
EN High
Microcontroller
start-up time delay
Reset
time
Low
Low
NRES
EN
VCC
RXD
LIN bus
Bus wake-up filtering time
tbus
High
TXD
Low (strong pull-down)
High
High
TABLE 1-3:
SIGNALING IN FAIL-SAFE MODE
Fail-Safe Sources
TXD
RXD
LIN wake-up (LIN pin)
Low
Low
VSth (battery) undervoltage detection (VVS <3.9V)
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com