Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 7 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 3Page - Microchip Technology ATA663201 Datasheet HTML 4Page - Microchip Technology ATA663201 Datasheet HTML 5Page - Microchip Technology ATA663201 Datasheet HTML 6Page - Microchip Technology ATA663201 Datasheet HTML 7Page - Microchip Technology ATA663201 Datasheet HTML 8Page - Microchip Technology ATA663201 Datasheet HTML 9Page - Microchip Technology ATA663201 Datasheet HTML 10Page - Microchip Technology ATA663201 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 7
ATA663201/03/31/54
1.3
Wake-Up Scenarios from Silent
Mode or Sleep Mode
1.3.1
REMOTE WAKE-UP VIA LIN BUS
1.3.1.1
Remote Wake-Up from Silent Mode
(SBC only)
A remote wake-up from Silent mode is only possible if
TXD is high. A voltage less than the LIN pre-wake
detection VLINL at the LIN pin activates the internal LIN
receiver and starts the wake-up detection timer. A
falling edge at the LIN pin followed by a dominant bus
level maintained for a certain period of time (>tbus) and
the following rising edge at pin LIN (see Figure 1-5)
result in a remote wake-up request. The device
switches from Silent mode to Fail-Safe mode, the VCC
voltage regulator remains activated and the internal
LIN termination resistor is switched on. The remote
wake-up request is indicated by a low level at the RXD
pin and TXD pin (strong pull-down at TXD). EN high
can be used to switch directly to Normal mode.
FIGURE 1-5:
LIN WAKE-UP FROM SILENT MODE
1.3.1.2
Remote Wake-Up from Sleep Mode
(SBC only)
A falling edge at the LIN pin followed by a dominant bus
level maintained for a certain period of time (>tbus) and
a following rising edge at the LIN pin result in a remote
wake-up request, causing the device to switch from
Sleep mode to Fail-Safe mode.
The VCC regulator is activated, and the internal LIN
termination resistor is switched on. The remote wake-
up request is indicated by a low level at RXD and TXD
(strong pull-down at TXD) (see Figure 1-6).
EN high can be used to switch directly from Sleep/
Silent mode to Fail-Safe mode. If EN is still high after
VCC ramp-up and undervoltage reset time, the IC
switches to Normal mode.
TABLE 1-2:
SIGNALING IN FAIL-SAFE MODE
Fail-Safe Sources
TXD
RXD
LIN wake-up (LIN pin)
Low
Low
VSth (battery) undervoltage detection (VVS <3.9V)
High
Low
Undervoltage detection active
Silent mode 3.3V/5V
Fail- afe mode 3.3V/5V
Normal mode
Low
Fail- afe Mode
Normal Mode
EN High
High
NRES
EN
VCC
RXD
LIN bus
Bus wake-up filtering time
tbus
High
TXD
High
Low (strong pull-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com