Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 22 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 22 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 18Page - Microchip Technology ATA663201 Datasheet HTML 19Page - Microchip Technology ATA663201 Datasheet HTML 20Page - Microchip Technology ATA663201 Datasheet HTML 21Page - Microchip Technology ATA663201 Datasheet HTML 22Page - Microchip Technology ATA663201 Datasheet HTML 23Page - Microchip Technology ATA663201 Datasheet HTML 24Page - Microchip Technology ATA663201 Datasheet HTML 25Page - Microchip Technology ATA663201 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ATA663201/03/31/54
DS20006075D-page 22
 2018-2021 Microchip Technology Inc.
FIGURE 2-1:
DEFINITION OF BUS TIMING CHARACTERISTICS
13
Receiver Electrical AC Parameters of the LIN Physical Layer (only SBC)
LIN Receiver, RXD Load Conditions: CRXD = 20 pF
13.1
Propagation Delay
of Receiver
trx_pd
——
6
µs VVS =7.0V to 18V
trx_pd =max(trx_pdr,
trx_pdf)
13.2
Symmetry of
Receiver
Propagation Delay
Rising Edge Minus
Falling Edge
trx_sym
-2
—
+2
µs VVS =7.0V to 18V
trx_sym =
trx_pdr -trx_pdf
Note 1:
100% correlation tested
2:
Characterized on samples
3:
Design parameter
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, all values are specified for 5V < VVS <28V,
-40°C < TvJ < +150°C and refer to the GND pin.
No.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Conditions
TXD
(Input to transmitting node)
VS
(Transceiver supply
of transmitting node)
RXD
(Output of receiving node1)
RXD
(Output of receiving node2)
LIN Bus Signal
Thresholds of
receiving node1
Thresholds of
receiving node2
tBus_rec(max)
trx_pdr(1)
trx_pdf(2)
trx_pdr(2)
trx_pdf(1)
tBus_dom(min)
tBus_dom(max)
THRec(max)
THDom(max)
THRec(min)
THDom(min)
tBus_rec(min)
tBit
tBit
tBit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com