Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 33 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 33 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 28Page - Microchip Technology ATA663201 Datasheet HTML 29Page - Microchip Technology ATA663201 Datasheet HTML 30Page - Microchip Technology ATA663201 Datasheet HTML 31Page - Microchip Technology ATA663201 Datasheet HTML 32Page - Microchip Technology ATA663201 Datasheet HTML 33Page - Microchip Technology ATA663201 Datasheet HTML 34Page - Microchip Technology ATA663201 Datasheet HTML 35Page - Microchip Technology ATA663201 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 33
ATA663201/03/31/54
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) ATA663201-GBQW:
ATA663201, 8-Lead VDFN,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
b) ATA663203-GBQW:
ATA663203, 8-Lead VDFN,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
c) ATA663231-GBQW:
ATA663231, 8-Lead VDFN,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
d) ATA663254-GAQW:
ATA663254, 8-Lead SOIC,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
e) ATA663254-GBQW:
ATA663254, 8-Lead VDFN,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
f) ATA663254-GAQW-VAO:ATA663254, 8-Lead SOIC,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
g) ATA663254-GBQW-VAO:ATA663254, 8-Lead VDFN,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
h) ATA663231-GBQW-VAO:ATA663231, 8-Lead VDFN,
Tape and Reel,
RoHS compliant package,
Automotive Qualified
PART NO.
X
Package Directives
Device
Device:
ATA663201:
3.3V Voltage Regulator
ATA663203:
5V Voltage Regulator
ATA663231:
LIN System Basis Chip,
including LIN Transceiver and 3.3V
Voltage Regulator
ATA663254:
LIN System Basis Chip,
including LIN Transceiver and 5V
Voltage Regulator
Package:
GA =
8-Lead SOIC
GB =
8-Lead VDFN
Tape and Reel
Option:
Q
=
330 mm diameter Tape and Reel(1)
Package
Directives
Classification:
W
=
Package is RoHS compliant (2)
Qualification:
VAO =
Automotive
blank=
Automotive
XX
Package
[X](1)
Tape and Reel
Option
Classification
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
2:
RoHS compliant; maximum concentration value
of 0.09% (900 ppm) for Bromine (Br) and
Chlorine (Cl) and less than 0.15% (1500 ppm)
total Bromine (Br) and Chlorine (Cl) in any
homogeneous material. Maximum concentration
value of 0.09% (900 ppm) for Antimony (Sb) in
any homogeneous material.
–
–XXX
Qualification
Note:
All devices listed in this data sheet are Automotive qualified.
Due to a new nomenclature, the automotive qualified devices will get
the suffix -VAO in the future, but as regards the qualification, there is
no difference between all the devices listed in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com