Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation AX88172L Datasheet HTML 10Page - ASIX Electronics Corporation AX88172L Datasheet HTML 11Page - ASIX Electronics Corporation AX88172L Datasheet HTML 12Page - ASIX Electronics Corporation AX88172L Datasheet HTML 13Page - ASIX Electronics Corporation AX88172L Datasheet HTML 14Page - ASIX Electronics Corporation AX88172L Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ASIX ELECTRONICS CORPORATION
11
AX88172
PRELIMINARY
4.0 USB Commands
There are three command groups for Endpoint 0 in AX88172:
The USB standard commands
USB Communication Class commands
USB vendor commands.
4.1 USB standard commands
The Language ID is 0x0904 for English
PPLL means buffer length
CC means configuration number
I I means Interface number
SETUP COMMAND
DATA IN/OUT
DESCRIPTION
80 06 00 01 00 00 LL PP
Data PPLL bytes
Get Device Descriptor
80 06 00 02 00 00 LL PP
Data PPLL bytes
Get Configuration Descriptor
80 06 00 03 00 00 LL PP
Data 2 bytes
Get Supported Language ID
80 06 01 03 09 04 LL PP
Data PPLL bytes
Get Manufacture String
80 06 02 03 09 04 LL PP
Data PPLL bytes
Get Product String
80 06 03 03 09 04 LL PP
Data PPLL bytes
Get Serial Number String
80 06 04 03 09 04 LL PP
Data PPLL bytes
Get Configuration String
80 06 05 03 09 04 LL PP
Data PPLL bytes
Get Interface 0 String
80 06 06 03 09 04 LL PP
Data PPLL bytes
Get Interface 1/0 String
80 06 07 03 09 04 LL PP
Data PPLL bytes
Get Interface 1/1 Stirng
80 06 08 03 09 04 LL PP
Data 12 bytes
Get Ethernet Address String
80 08 00 00 00 00 01 00
Data 1 bytes
Get Configuration
00 09 CC 00 00 00 00 00
No Data
Set Configuration
81 0A 00 00 I I 00 01 00
Data 1 byte
Get Interface
01 0B AS 00 00 00 00 00
No Data
Set Interface
Tab - 3 USB stabdard commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com