Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 20Page - ASIX Electronics Corporation AX88172L Datasheet HTML 21Page - ASIX Electronics Corporation AX88172L Datasheet HTML 22Page - ASIX Electronics Corporation AX88172L Datasheet HTML 23Page - ASIX Electronics Corporation AX88172L Datasheet HTML 24Page - ASIX Electronics Corporation AX88172L Datasheet HTML 25Page - ASIX Electronics Corporation AX88172L Datasheet HTML 26Page - ASIX Electronics Corporation AX88172L Datasheet HTML 27Page - ASIX Electronics Corporation AX88172L Datasheet HTML 28Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AX88172
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
25
RTL8201BL MII1.0
2.2
RTL8201BL application circuit - interface with MAC(MII)
B
22
Friday, December 20, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD3
VDD3
VDD3
VDD3
GND
CH_GND
GND
GND
GND
GND
GND
GND
GND
GND
LED2
LED0
LED3
LED4
LED1
X1
X2
VDD3
GND
GND
GND
VDD3
VDD3
LED4/PHYAD4
LED1/PHYAD1
GND
AVDD3
VDD3
GND
GND
LED3/PHYAD3
PHY_RST
AVDD3
DVDD25
LED0/PHYAD0
AVDD25
LED2/PHYAD2
DVDD25
X1
X2
TXD0
TXD1
TXD2
TXD3
TXEN
COL
RXER
TXC
MDC
MDIO
RXC
RXDV
RXD3
RXD2
RXD1
RXD0
CRS
C42
0.01U/3KV
R14
50
R23
75
C38
0.1U
R21
75
R20
5.6K (1%)
U5
RTL8201BL LQFP48
25
26
6
5
4
3
2
7
22
21
20
19
18
16
1
23
46
47
9
10
12
13
15
8
14
11
17
32
36
48
29
35
45
24
27
34
33
31
30
28
43
40
42
39
38
37
41
44
MDC
MDIO
TXD0
TXD1
TXD2
TXD3
TXEN
TXC
RXDV
RXD0
RXD1
RXD2
RXD3
RXC
COL
CRS
X1
X2
LED0/PHYAD0
LED1/PHYAD1
LED2/PHYAD2
LED3/PHYAD3
LED4/PHYAD4
DVDD25
DVDD33
DGND
DGND
AVDD25
AVDD33
DVDD33
AGND
AGND
AGND
RXER/FXEN
NC
TPTX+
TPTX-
TPRX+
TPRX-
RTSET
ISOLATE
RPTR
RESETB
SPEED
DUPLEX
ANE
LDPS
MII/SNIB/RTT3
C48
0.1U
L8
BEAD
C49
0.1U
C45
22U
C46
0.1U
C47
0.1U
L7
BEAD
R19
50
C41
0.1U
R18
50
R39
510
R43
510
R41
510
R42
4.7K
R40
4.7K
R38
4.7K
D2
LED
D3
LED
R34
510
R37
510
R36
4.7K
R32
4.7K
R12
1.5K
R17
2K
R15
20
R16 20
R26
5.1K
R25
5.1K
C50
0.1U
Y2
CRYSTAL 25.000 MHz
R35
0
R33
1M
C43
20P
C44
20P
D6
LED
D4
LED
D5
LED
R30
5.1K
R29
5.1K
R28
5.1K
R27
5.1K
R31
5.1K
U6
PE68515
1
2
3
15
14
16
7
5
6
11
12
10
RD+
RD-
CT
TD-
CT
TD+
RX+
CT
RX-
TX-
CMT
TX+
R13
50
C37
0.1U
C39
0.1U
C40
0.1U
R22
75
U7
RJ8-45
1
2
3
4
5
6
7
8
9
TX+
TX-
RX+
N/C
N/C
RX-
N/C
N/C
GND
R24
75
AVDD25
AVDD25
COL
TXD1
RXER
MDIO
TXEN
TXD0
MDC
CRS
TXD3
TXD2
RX_CLK
TX_CLK
RXDV
RXD0
RXD1
RXD3
RXD2
for EMI supression
(CONNECT TO CHASSIS GND)
RTL8201BL has built in 3.3V to 2.5V regulator, and
pin 8(AVDD25) sources out 2.5V. A 22uF capacitir
and a 0.1uF capacitor are recommended between
AVDD25 and GND. Place C14, C15, L4 close to AVDD25
and place C11 close to DVDD25.
U1/pin14
U1/pin48
Place L2, C17, C18, C19 as close to each power pin
as possible.
Hardwire Configuration network:
1. This configuration shows
Enable: Auto negotiation, Full duplex, 100Mbps,
Link Down Power Saving, MII interface
Disable: Isolate, Repeater mode
2. These senven configuration pins could be connected to VDD
or GND directly.
Link 100-Active
FULL LED
COLL
Set PHY ADDRESS TO 00011
Link 10-Active
Link LED
RTL8201BL
R18 value need fine tune,
the range may from 2K to
5.6K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com