Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 4Page - ASIX Electronics Corporation AX88172L Datasheet HTML 5Page - ASIX Electronics Corporation AX88172L Datasheet HTML 6Page - ASIX Electronics Corporation AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation AX88172L Datasheet HTML 10Page - ASIX Electronics Corporation AX88172L Datasheet HTML 11Page - ASIX Electronics Corporation AX88172L Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ASIX ELECTRONICS CORPORATION
8
AX88172
PRELIMINARY
RESET/RESET
I
72
Reset/Reset
Reset is active high/low depend on RST_TYPE (pin 62) definition.
When assert, place AX88172 into reset mode immediately. Reset
complete loads the EEPROM data.
VSS
P
73
Power Supply: +0V DC or Ground Power.
VDD
P
74
Power Supply for logic circuits: +3.3V DC.
PVDD
P
75
Power supply pin for PLL and oscillator circuits +3.3V DC
PVSS
P
76
Power supply pin for PLL and oscillator circuits +0V DC or Ground
Powe
VC
I
77
Monitor pin for two PLL charge pumps
Connect to GND on PCB when actually using
PTEST
I
78
Charge pump monitor ON/OFF:
Connect to GND on PCB when actually using
XIN12M
I
79
12M crystal oscillator input
XOUT12M
O
80
12M crystal oscillator output
Tab - 1 PIN signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com