Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 3Page - ASIX Electronics Corporation AX88172L Datasheet HTML 4Page - ASIX Electronics Corporation AX88172L Datasheet HTML 5Page - ASIX Electronics Corporation AX88172L Datasheet HTML 6Page - ASIX Electronics Corporation AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation AX88172L Datasheet HTML 10Page - ASIX Electronics Corporation AX88172L Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ASIX ELECTRONICS CORPORATION
7
AX88172
PRELIMINARY
TX_EN
O
30
Transmit Enable: TX_EN is transition synchronously with respect to
the rising edge of TX_CLK. TX_EN indicates that the port is
presenting nibbles on TXD [3:0] for transmission.
VDD
P
31
Power Supply for logic circuits: +3.3V DC.
RX_CLK
I
32
Receive Clock: RX_CLK is a continuous clock that provides the
timing reference for the transfer of the RX_DV, RXD[3:0] and
RX_ER signals from the PHY to the MII port of the MAC.
RXD[3:0]
I
36, 35, 34,
33
Receive Data: RXD[3:0] is driven by the PHY synchronously with
respect to RX_CLK.
VDD
P
37
Power Supply for logic circuits: +3.3V DC.
RX_ER
I
38
Receive Error: RX_ER is driven by PHY and synchronous to
RX_CLK, is asserted for one or more RX_CLK periods to indicate to
the port that an error has detected.
RX_DV
I
39
Receive Data Valid: RX_DV is driven by the PHY synchronously
with respect to RX_CLK. Asserted high when valid data is present on
RXD [3:0].
VSS
P
40
Power Supply: +0V DC or Ground Power.
VDD
P
41
Power Supply for logic circuits: +3.3V DC.
TEST0
I/PU
42
Test Pin: This pin for test purpose only.
Pull up the pin or keep no connection for normal operation.
TEST1
I/PU
43
Test Pin: This pin for test purpose only.
Pull up the pin or keep no connection for normal operation.
GPIO[2:0]
I/O/PU
46, 45, 44 General Purpose Input/ Output Pins.
/PHYRST
O
47
Output for reset PHY active low
PHYRST
O
48
Output for reset PHY active high
VSS
P
49
Power Supply: +0V DC or Ground Power.
NC
I/PD
50
For testing
NC
I/PD
51
For testing
LED
O
52
LED indicator: When link FS, drives logic high always. When link
HS, the pin drives logic low. and it will drives high/low a period when
line has activity (data transfer).
VDD
P
53
Power Supply for logic circuits: +3.3V DC.
NC
I/PD
54
For testing
NC
ID
55
For testing
EECS
O
56
EEPROM Chip Select: EEPROM chip select signal.
EECK
O
57
EEPROM Clock: Signal connected to EEPROM clock pin.
EEDI
O
58
EEPROM Data In: Signal connected to EEPROM data input pin.
EEDO
I/PD
59
EEPROM Data Out: Signal connected to EEPROM data output pin.
VSS
P
60
Power Supply: +0V DC or Ground Power.
VDD
P
61
Power Supply for logic circuits: +3.3V DC.
RST_TYPE
I/PU
62
This pin define the assert level of Reset (pin 72)
When =’1’ or NC, reset signal is active High
When =’0’, reset signal is active Low
NC
I/PD
63, 64, 65,
66, 67
For testing
ANA_XIQ
I
68
Sets the IQ mode
This pin is used during testing. It must be set to low in IQ
measurement mode.
0: IQ mode
1: Normal operation mode
VDD
P
69
Power Supply for logic circuits: +3.3V DC.
CLKI
I/PD
70
External 60MHz input
TESTMODE
I/PD
71
For testing (TESTMODE)
0: Normal operation mode
1: External clock Synchronization mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com