Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 2Page - ASIX Electronics Corporation AX88172L Datasheet HTML 3Page - ASIX Electronics Corporation AX88172L Datasheet HTML 4Page - ASIX Electronics Corporation AX88172L Datasheet HTML 5Page - ASIX Electronics Corporation AX88172L Datasheet HTML 6Page - ASIX Electronics Corporation AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation AX88172L Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ASIX ELECTRONICS CORPORATION
6
AX88172
PRELIMINARY
2.0 Signal Description
The following terms describe the AX88172 pin-out:
All pin names with the “/” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Internal Pull Up (100K)
O
Output
PD
Internal Pull Down (100K)
I/O
Input/Output
P
Power Pin
OD
Open Drain
SIGNAL
TYPE
PIN NO.
DESCRIPTION
R1
I
1
Constant-votage pin
A 6.2K± 1% resistors is connected to AVSS. Be sure to make the line
between R1 and each resistor as short as possible.
AVDD
P
2
Power supply pin for analog circuits +3.3V DC
AVSS
P
3
Power supply pin for analog circuits Ground
AVSS
P
4
Power supply pin for analog circuits Ground
DP
B
5
USB data line Data+
AVSS
P
6
Power supply pin for analog circuits Ground
DM
B
7
USB data line Data-
AVSS
P
8
Power supply pin for analog circuits Ground
AVDD
P
9
Power supply pin for analog circuits +3.3V DC
/EXTWAKEUP
I/PU
10
Remote-wakeup trigger from external pin. It active low
and should be keep low over 2 clocks (12MHz)
NC
B
11
For testing
NC
B
12
For testing
VDD
P
13
Power Supply for logic circuits: +3.3V DC.
MDC
O
14
Station Management Data Clock: The timing reference for MDIO. All
data transfers on MDIO are synchronized to the rising edge of this
clock. MDC is a 2.5MHz frequency clock output.
MDIO
I/O/PU
15
Station Management Data Input/Output: Serial data input/output
transfers from/to the PHYs. The transfer protocol conforms to the
IEEE 802.3u MII specification.
NC
O
16
For testing
NC
O
17
For testing
NC
O
18
For testing
NC
O
19
For testing
VSS
P
20
Power Supply: +0V DC or Ground Power.
VDD
P
21
Power Supply for logic circuits: +3.3V DC.
COL
I
22
Collision: this signal is driven by PHY when collision is detected.
NC
23
No connection
TX_CLK
I
24
Transmit Clock: TX_CLK is a continuous clock from PHY. It
provides the timing reference for the transfer of the TX_EN and
TXD[3:0] signals from the MII port to the PHY.
CRS
I
25
Carrier Sense: Asynchronous signal CRS is asserted by the PHY
when either the transmit or receive medium is non-idle.
TXD[3:0]
O
29, 28, 27,
26
Transmit Data: TXD[3:0] is transition synchronously with respect to
the rising edge of TX_CLK. For each TX_CLK period in which
TX_EN is asserted, TXD[3:0] are accepted for transmission by the
PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com