Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 20Page - ASIX Electronics Corporation AX88172L Datasheet HTML 21Page - ASIX Electronics Corporation AX88172L Datasheet HTML 22Page - ASIX Electronics Corporation AX88172L Datasheet HTML 23Page - ASIX Electronics Corporation AX88172L Datasheet HTML 24Page - ASIX Electronics Corporation AX88172L Datasheet HTML 25Page - ASIX Electronics Corporation AX88172L Datasheet HTML 26Page - ASIX Electronics Corporation AX88172L Datasheet HTML 27Page - ASIX Electronics Corporation AX88172L Datasheet HTML 28Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
AX88172
PRELIMINARY
Revisions history
Revision
Date
Comment
V. 1.0
12/25/01
Initial Release
V.1.1
12/28/01
Pin 62 change from “SROM size to NC”
R1 change from 6K +/-1% to 6.2K+/-1%
Power on reset specific 6ms ~10ms
“Primary”PHY ID change to “First” PHY ID in
EEPROM memory mapping
V.1.2
2002/2/25
Pin 62 change from “NC” to “RST_TYPE”
Pin 72 change from “RESET” to”RESET/RESET”
On page 12 modify following:
USB vendor command modify from “disable H/W
MII operation” to “Software MII operation”
USB vendor command modify from “Enable H/W MII
operation” to “Hardware MII operation”
Read/write Mointor mode at read bit 7-5 change
from 100 to 101”
Add /Reset timing
Reference design schematic updated
BOM update
V.1.3
2002/5/7
Chip ED2 new schematic with external 60 MHZ
Add RTl 8201 BL version schematic
Remove BOM
V.1.4
2002/12/20 Add ED3 reference design with RTL 8201BL version
PHY and remark the difference
Add 12M osc spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com