Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 18Page - ASIX Electronics Corporation AX88172L Datasheet HTML 19Page - ASIX Electronics Corporation AX88172L Datasheet HTML 20Page - ASIX Electronics Corporation AX88172L Datasheet HTML 21Page - ASIX Electronics Corporation AX88172L Datasheet HTML 22Page - ASIX Electronics Corporation AX88172L Datasheet HTML 23Page - ASIX Electronics Corporation AX88172L Datasheet HTML 24Page - ASIX Electronics Corporation AX88172L Datasheet HTML 25Page - ASIX Electronics Corporation AX88172L Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AX88172
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
22
Demonstration Circuit A: AX88172 (ED2 version) + Ethernet PHY(8201L)
AX88172
2.1
AX88172 DEMO Board
B
12
Friday, May 31, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD3
VDD3L
VDD3L
VDD3
VDD5
VDD3L
GND
RXDV
VDD3L
RXER
RXD2
RXD3
TXD3
RXD0
VDD3L
RXD1
RX_CLK
TXEN
TXD1
CRS
TXD2
TXD0
TX_CLK
VDD3L
RST
VDD3L
VDD3L
VDD3L
COL
TX_CLK
MDIO
RX_CLK
TXEN
TXD0
RXER
TXD2
MDC
COL
RXD0
VDD3
GND
RXD1
RXD3
RXD2
RXDV
TXD3
TXD1
/PHY_RST
CRS
EEDO
EEDI
EECK
EECS
VDD3
VDD3
RST
VDD3L
DMINUS
DPLUS
VDD5
60MHz
60MHz
AVDD
AVSS
VDD3
PVSS
VDD3
PVDD
VDD3
PVDD
VDD3
GND
PVSS
GND
GND
GND
GND
GND
C37
0.1u
C34
0.1u
C32
0.1u
C31
0.1u
J1
DC POWER
JACK
1
2
3
+ C20
47u/16V
L5
F.BEAD.
+
C35
22u
C19
0.01u
D2
DIODE
C2
0.1u
L1
F.BEAD.
U5
AMS1117
3
2
1
VIN
VOUT
ADJ/GND
+
C16
10u/16V
C17
0.1u
C12
0.1u
L2
F.BEAD.
U3
XC74UL14
1
3
4
5
2
NC
GND
Y
VCC
A
C24
0.1u
C3
0.1u
C27
0.1u
L3
F.BEAD.
U2
93C56
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
C25
0.1u
C33
0.01u
S1
SW PUSHBUTTON
C29
0.1u
C26
0.1u
C22
0.1u
+ C18
47u/16V
C21
0.1u
C23
0.1u
R9
0
C9
0.1u
R6
6.2K 1%
C4
0.1u
R1
1K
D1
LED
C6
0.1u
U4
60MHz
8
4
5
VCC
GND
OUT
C15
0.1u
C14
0.1u
R8
33
+
C30
22u
C36
0.01u
C11
0.1u
L6
F.BEAD.
C10
0.1u
C28
0.1u
R2
0
R7
15K
L8
F.BEAD.
C5
0.01u
C1
1000P
AX88172
U1
AX88172
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
VDD
RST_TYPE
NC
NC
NC
NC
NC
ANA_XIQ
VDD
CLKI
TESTMODE
RESET
VSS
VDD
PVDD
PVSS
VC
PTEST
XIN12M
XOUT12M
VDD
COL
NC
TXCLK
CRS
TXD0
TXD1
TXD2
TXD3
TXEN
VDD
RXCLK
RXD0
RXD1
RXD2
RXD3
VDD
RXER
RXDV
VSS
4
1
23
J2
USB-CON
4
1
3
2
GND
VDD5
D+
D-
L4
F.BEAD.
C13
0.47uF
R3
10K
L7
F.BEAD.
C8
24P
Y1
12.000MHz
C7
24P
R5
220
R4
1M
RX_CLK
RXD0
RXD2
TXEN
TXD0
/PHY_RST
GND
TXD1
RXD1
TX_CLK
MDIO
VDD3
CRS
TXD3
COL
RXDV
TXD2
RXER
MDC
RXD3
USB Port Link/Act LED
OPTION
U3 : TOREX / XC74UL14AAMR
OPTION
1 / NC : PIN72 RESET ACTIVE HIGH.
DC 5.0V POWER
1206 & DIP
1206 & DIP
1206 & DIP
1206 & DIP
0 : PIN72 RESET ACTIVE LOW.
RESET ACTIVE
LOW : USED "R8" ONLY.
RESET ACTIVE
HIGH : USED "U2" ONLY.
OPTION
1206 & DIP
1206 & DIP
AVSS and PVSS :
Single-point ground
OPTION
OPTION
(Next version chip)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com