Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 13Page - ASIX Electronics Corporation AX88172L Datasheet HTML 14Page - ASIX Electronics Corporation AX88172L Datasheet HTML 15Page - ASIX Electronics Corporation AX88172L Datasheet HTML 16Page - ASIX Electronics Corporation AX88172L Datasheet HTML 17Page - ASIX Electronics Corporation AX88172L Datasheet HTML 18Page - ASIX Electronics Corporation AX88172L Datasheet HTML 19Page - ASIX Electronics Corporation AX88172L Datasheet HTML 20Page - ASIX Electronics Corporation AX88172L Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88172
PRELIMINARY
6.4.3 MII Timing
Ttclk
Ttch
Ttcl
TXCLK(in)
Ttv
Tth
TXD<3:0>(out)
TXEN(out)
Trclk
Trch
Trcl
RXCLK(in)
Trs
Trh
RXD<3:0>(in)
RXDV(in)
Trs1
RXER(in)
CRS(in)
Symbol
Description
Min
Typ.
Max
Units
Ttclk
Cycle time(100Mbps)
-
40
-
ns
Ttclk
Cycle time(10Mbps)
-
400
-
ns
Ttch
high time(100Mbps)
14
-
26
ns
Ttch
high time(10Mbps)
140
-
260
ns
Trch
low time(100Mbps)
14
-
26
ns
Trch
low time(10Mbps)
140
-
260
ns
Ttv
Clock to data valid
3
-
10
ns
Tth
Data output hold time
3
-
10
ns
Trclk
Cycle time(100Mbps)
-
40
-
ns
Trclk
Cycle time(10Mbps)
-
400
-
ns
Trch
high time(100Mbps)
14
-
26
ns
Trch
high time(10Mbps)
140
-
260
ns
Trcl
low time(100Mbps)
14
-
26
ns
Trcl
low time(10Mbps)
140
-
260
ns
Trs
data setup time
6
-
-
ns
Trh
data hold time
6
-
-
ns
Trs1
RXER data setup time
6
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com