Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 12Page - ASIX Electronics Corporation AX88172L Datasheet HTML 13Page - ASIX Electronics Corporation AX88172L Datasheet HTML 14Page - ASIX Electronics Corporation AX88172L Datasheet HTML 15Page - ASIX Electronics Corporation AX88172L Datasheet HTML 16Page - ASIX Electronics Corporation AX88172L Datasheet HTML 17Page - ASIX Electronics Corporation AX88172L Datasheet HTML 18Page - ASIX Electronics Corporation AX88172L Datasheet HTML 19Page - ASIX Electronics Corporation AX88172L Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ASIX ELECTRONICS CORPORATION
16
AX88172
PRELIMINARY
6.4 A.C. Timing Characteristics
6.4.1 12M_XIN (CL=16pF, +/-50ppm)
12M_XIN
Tr
Tf
Tlow
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
83.33
ns
Thigh
CLK HIGH TIME
34.71
41.66
49.99
ns
Tlow
CLK LOW TIME
34.71
41.66
49.99
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
6.4.2 Reset Timing
12M_XIN
RESET/RESET
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width (6ms ~10ms)
100
-
-
12M
_XIN
Tcyc
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com