Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 11Page - ASIX Electronics Corporation AX88172L Datasheet HTML 12Page - ASIX Electronics Corporation AX88172L Datasheet HTML 13Page - ASIX Electronics Corporation AX88172L Datasheet HTML 14Page - ASIX Electronics Corporation AX88172L Datasheet HTML 15Page - ASIX Electronics Corporation AX88172L Datasheet HTML 16Page - ASIX Electronics Corporation AX88172L Datasheet HTML 17Page - ASIX Electronics Corporation AX88172L Datasheet HTML 18Page - ASIX Electronics Corporation AX88172L Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ASIX ELECTRONICS CORPORATION
15
AX88172
PRELIMINARY
6.0 Electrical Specification and Timings
6.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+85
°C
Storage Temperature
Ts
-65
+150
°C
Supply Voltage
Vdd
-0.3
+3.6
V
Input Voltage
Vin
-0.3
Vdd+0.3
V
Output Voltage
Vout
-0.3
Vdd+0.3
V
Lead Temperature (soldering 10 seconds maximum)
Tl
-55
+240
°C
Note: Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability.
6.2 General Operation Conditions
Description
SYM
Min
Tpy
Max
Units
Operating Temperature
Ta
0
25
+70
°C
Supply Voltage
Vdd
+3.0
+3.30
+3.6
V
6.3 DC Characteristics
(Vdd=3.0V to 3.6V, Vss=0V, Ta=0
°C to 70°C)
Description
SYM
Min
Tpy
Max
Units
Low Input Voltage
Vil
-
0.3*Vdd
V
High Input Voltage
Vih
0.7*Vdd
-
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
2.4
-
V
Input Leakage Current
Iil
-1
+1
uA
Output Leakage Current
Iol
-10
+10
uA
Input Pull-up / down resistance
Ri
75
K ohm
Description
SYM
Min
Tpy
Max
Units
Power Consumption (3.3V)
SPt3v
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com