Electronic Components Datasheet Search
  English  ▼

X  

AX88172L Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 19Page - ASIX Electronics Corporation AX88172L Datasheet HTML 20Page - ASIX Electronics Corporation AX88172L Datasheet HTML 21Page - ASIX Electronics Corporation AX88172L Datasheet HTML 22Page - ASIX Electronics Corporation AX88172L Datasheet HTML 23Page - ASIX Electronics Corporation AX88172L Datasheet HTML 24Page - ASIX Electronics Corporation AX88172L Datasheet HTML 25Page - ASIX Electronics Corporation AX88172L Datasheet HTML 26Page - ASIX Electronics Corporation AX88172L Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AX88172
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
23
RTL8201-TS6121A
2.1
AX88172 DEMO Board
B
22
Friday, May 31, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD3
VDD3
VDD3
TX+
TX-
RX-
RX+
LED3
LED2
LED0
LED1
X1
X2
AVDD0
AVDD1
AVDD2
GND
GND
GND
X1
X2
MDIO
TXD0
TXD1
TXD2
TXD3
TXEN
RXDV
RXD0
RXD1
RXD2
RXD3
COL
CRS
RXER
AVDD2
DVDD0
AVDD1
AVDD0
VDD3
/PHY_RST
LED0
LED1
LED3
LED2
LED4
LED4
DVDD0
VDD3
VDD3
VDD3
VDD3
RXC
TXC
MDC
GND
R23
75
U7
TS6121A
1
2
3
6
7
8
9
10
11
14
15
16
1
2
3
6
7
89
10
11
14
15
16
C42
0.01u
L10
F.BEAD.
L12
F.BEAD.
C50
0.1u
R35
510
R38
510
R41
510
R16
2K 1%
R19
1K
R20
1K
R40
4.7K
R36
4.7K
R34
4.7K
D4
LED
D3
LED
R33
510
R31
510
R26
1K
R25
1K
R27
1K
R29
1K
R28
1K
R32
4.7K
R30
4.7K
R15
2K
R10
1.5K
R14
20
R13
20
+
C49
10uF/16V
L9
F.BEAD.
C44
0.1u
C45
0.1u
C43
0.1u
RTL 8201
U6
RTL8201
25
26
27
6
5
4
3
2
7
22
21
32
36
48
29
35
45
20
19
18
16
1
23
24
46
47
9
10
12
13
15
8
14
11
17
30
31
28
33
34
43
40
39
38
37
41
44
42
MDC
MDIO
RTT3/VCTRL
TXD0
TXD1
TXD2
TXD3
TXEN
TXC
RXDV
RXD0
AVDD0
AVDD1
AVDD2
AGND
AGND
AGND
RXD1
RXD2
RXD3
RXC
COL
CRS
RXER
X1
X2
LED0/PHYA0
LED1/PHYA1
LED2/PHYA2
LED3/PHYA3
LED3/PHYA4
DVDD0
DVDD1
DGND
DGND
TPRX-
TPRX+
RTSET
TPTX-
TPTX+
ISOLATE
REPT
SPEED
DUPLEX
ANE
LDPS
MII/SNIB
RESETB
R37
1M
R39
0
Y2
CRYSTAL 25.000 MHz
C52
20P
R12
49.9
C51
20P
C46
0.1u
R24
75
C38
0.01u
C47
0.1u
J3
RJ45
2
1
3
6
4
5
7
8
L11
F.BEAD.
R22
75
R21
75
C39
0.01u
D7
LED
C41
0.01u/2KV
C48
0.1u
C40
0.01u
D5
LED
R18
49.9
D6
LED
R17
49.9
R11
49.9
VDD3
COL
TXD1
RXD0
RXER
RXD2
TX_CLK
MDIO
TXEN
RXDV
RXD3
TXD0
RXD1
MDC
CRS
TXD3
TXD2
RX_CLK
GND
/PHY_RST
Set PHY ADDRESS TO 00011
COLL
Link LED
Link 10-Active
Link 100-Active
FULL LED
U6 : BOTHHAND / TS6121A
U5
REALTEK
RTL8201
( CONNECT TO CHASIS GND )
1206 & DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com