Electronic Components Datasheet Search
  English  ▼

X  

ADP3182 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 4 Page - Analog Devices

  ADP3182 Datasheet HTML 1Page - Analog Devices ADP3182 Datasheet HTML 2Page - Analog Devices ADP3182 Datasheet HTML 3Page - Analog Devices ADP3182 Datasheet HTML 4Page - Analog Devices ADP3182 Datasheet HTML 5Page - Analog Devices ADP3182 Datasheet HTML 6Page - Analog Devices ADP3182 Datasheet HTML 7Page - Analog Devices ADP3182 Datasheet HTML 8Page - Analog Devices ADP3182 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP3182
Rev. 0 | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.8
V
Input High Voltage
VIH(EN)
2.0
V
Input Current
IIN(EN)
−1
+1
µA
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to FBRTN
600
660
720
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to FBRTN
880
940
1000
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4 mA
225
400
mV
Power Good Delay Time
200
ns
Crowbar Trip Point
VCROWBAR
Relative to FBRTN
0.975
1.05
1.1
V
Crowbar Reset Point
Relative to FBRTN
550
650
750
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400
µA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400
µA
4.0
5
V
SUPPLY
DC Supply Current
5
10
mA
UVLO Threshold Voltage
VUVLO
VCC rising
6.5
6.9
7.3
V
UVLO Hysteresis
0.7
0.9
1.1
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com