Electronic Components Datasheet Search
  English  ▼

X  

ADP3182 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3182 Datasheet HTML 10Page - Analog Devices ADP3182 Datasheet HTML 11Page - Analog Devices ADP3182 Datasheet HTML 12Page - Analog Devices ADP3182 Datasheet HTML 13Page - Analog Devices ADP3182 Datasheet HTML 14Page - Analog Devices ADP3182 Datasheet HTML 15Page - Analog Devices ADP3182 Datasheet HTML 16Page - Analog Devices ADP3182 Datasheet HTML 17Page - Analog Devices ADP3182 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP3182
Rev. 0 | Page 14 of 20
APPLICATIONS
The design parameters for the typical high current point-of-
load dc/dc buck converter shown in Figure 9 are as follows:
•
Input voltage (VIN) = 12 V
•
VID setting voltage (VOUT) = 1.8 V
•
Duty cycle (D) = 0.15
•
Output current IO = 55 A
•
Maximum output current (ILIM) = 110 A
•
Number of phases (n) = 3
•
Switching frequency per phase (fSW) = 250 kHz
SETTING THE CLOCK FREQUENCY
The ADP3182 uses a fixed-frequency control architecture. The
frequency is set by an external timing resistor (RT). The clock
frequency and the number of phases determine the switching
frequency per phase, which relates directly to switching losses
and the sizes of the inductors and the input and output
capacitors. With n = 3 for three phases, a clock frequency of
750 kHz sets the switching frequency (fSW) of each phase to
250 kHz, which represents a practical trade-off between the
switching losses and the sizes of the output filter components.
Equation 1 shows that to achieve a 750 kHz oscillator frequency,
the correct value for RT is 256 kΩ. Alternatively, the value for RT
can be calculated using
kΩ
27
pF
4.7
1
−
×
×
=
SW
T
f
n
R
(1)
kΩ
256
kΩ
27
pF
4.7
kHz
250
3
1
=
−
×
×
=
T
R
where 4.7 pF and 27 kΩ are internal IC component values. For
good initial accuracy and frequency stability, a 1% resistor is
recommended. The closest standard 1% value for this design is
258 kΩ.
SOFT START AND CURRENT LIMIT LATCH-OFF
DELAY TIME
Because the soft start and current limit latch-off delay functions
share the DELAY pin, these two parameters must be considered
together. The first step is to set CDLY for the soft start ramp. This
ramp is generated with a 20 µA internal current source. The
value of RDLY has a second-order impact on the soft start time
because it sinks part of the current source to ground. However,
as long as RDLY is kept greater than 200 kΩ, this effect is minor.
The value for CDLY can be approximated using
OUT
SS
DLY
OUT
DLY
V
t
R
V
C
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
=
2
μA
20
(2)
where:
tSS
is the desired soft start time.
Assuming an RDLY of 390 kΩ and a desired soft start time of 3
ms, CDLY is 36 nF.
The closest standard value for CDLY is 39 nF.
Once CDLY is chosen, RDLY can be calculated for the current limit
latch-off time using
DLY
DELAY
DLY
C
t
R
×
=
96
.
1
(3)
If the result for RDLY is less than 200 kΩ, a smaller soft start time
should be considered by recalculating the equation for CDLY, or a
longer latch-off time should be used. RDLY should never be less
than 200 kΩ. In this example, a delay time of 9 ms results in
RDLY = 452 kΩ. The closest standard 5% value is 470 kΩ.
INDUCTOR SELECTION
The amount of inductance determines the ripple current in the
inductor. Less inductance leads to more ripple current, which
increases the output ripple voltage and conduction losses in the
MOSFETs, but allows using smaller inductors and, for a
specified peak- peak transient deviation, less total output
capacitance. Conversely, a higher inductance means lower
ripple current and reduced conduction losses, but requires
larger inductors and more output capacitance for the same
peak-peak transient deviation. In any multiphase converter, a
practical value for the peak-peak inductor ripple current is less
than 50% of the maximum dc current in the same inductor.
Equation 4 shows the relationship between the inductance,
oscillator frequency, and peak-peak ripple current in the
inductor.
Equation 5 can be used to determine the minimum inductance
based on a given output ripple voltage.
(
)
L
f
D
V
I
SW
OUT
R
×
−
×
=
1
(4)
(
)
(
)
RIPPLE
SW
x
OUT
V
f
D
n
R
V
L
×
×
−
×
×
≥
1
(5)
where:
RX is ESR of output bulk capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com