Electronic Components Datasheet Search
  English  ▼

X  

ADP3182 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 3 Page - Analog Devices

  ADP3182 Datasheet HTML 1Page - Analog Devices ADP3182 Datasheet HTML 2Page - Analog Devices ADP3182 Datasheet HTML 3Page - Analog Devices ADP3182 Datasheet HTML 4Page - Analog Devices ADP3182 Datasheet HTML 5Page - Analog Devices ADP3182 Datasheet HTML 6Page - Analog Devices ADP3182 Datasheet HTML 7Page - Analog Devices ADP3182 Datasheet HTML 8Page - Analog Devices ADP3182 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP3182
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OSCILLATOR
Frequency Range2
fOSC
0.25
3
MHz
Frequency Variation
fPHASE
TA = 25°C, RT = 348 k
Ω, 3-phase
155
200
245
kHz
TA = 25°C, RT = 174 k
Ω, 3-phase
400
kHz
TA = 25°C, RT = 100 k
Ω, 3-phase
600
kHz
Output Voltage
VRT
RT = 100 k
Ω to GND
1.9
2.0
2.1
V
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ − FB
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
0
100
µA
VOLTAGE ERROR AMPLIFIER
Output Voltage Range2
VCOMP
0.7
3.1
V
Accuracy
VFB
Referenced to FBRTN
784
800
816
mV
Line Regulation
∆V
FB
VCC = 10 V to 14 V
0.05
%
Input Bias Current
IFB
FB = 800 mV
−4
+4
µA
FBRTN Current
IFBRTN
100
140
µA
Output Current
IO(ERR)
FB forced to VOUT − 3%
500
µA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
25
V/
µs
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM − CSREF, Figure 2
−5.5
+5.5
mV
Input Bias Current
IBIAS(CSSUM)
−50
+50
nA
Gain Bandwidth Product
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/
µs
Input Common-Mode Range
CSSUM and CSREF
0
VCC − 2.5
V
Output Voltage Range
0.05
VCC − 2.5
V
Output Current
ICSCOMP
500
µA
CURRENT BALANCE CIRCUIT
Common-Mode Range
VSW(X)CM
−600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
20
30
40
k
Ω
Input Current
ISW(X)
SW(X) = 0 V
4
7
10
µA
Input Current Matching
∆I
SW(X)
SW(X) = 0 V
−7
+7
%
CURRENT LIMIT COMPARATOR
Output Voltage
Normal Mode
VILIMIT(NM)
EN > 2 V, RILIMIT = 250 k
Ω
2.9
3
3.1
V
In Shutdown Mode
VILIMIT(SD)
EN < 0.8 V, IILIMIT = −100
µA
400
mV
Output Current, Normal Mode
IILIMIT(NM)
EN > 2 V, RILIMIT = 250 k
Ω
12
µA
Maximum Output Current2
60
µA
Current Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 250 k
Ω
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/
µA
DELAY Normal Mode Voltage
VDELAY(NM)
RDELAY = 250 k
Ω
2.9
3
3.1
V
DELAY Overcurrent Threshold
VDELAY(OC)
RDELAY = 250 k
Ω
1.7
1.8
1.9
V
Latch-Off Delay Time
tDELAY
RDELAY = 250 k
Ω, C
DELAY
= 12 nF
1.5
ms
SOFT START
Output Current, Soft Start Mode
IDELAY(SS)
During start-up, DELAY < 2.4 V
15
20
25
µA
Soft Start Delay Time
tDELAY(SS)
RDELAY = 250 k
Ω, C
DELAY
= 12 nF
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com