Electronic Components Datasheet Search
  English  ▼

X  

ADP3182 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3182 Datasheet HTML 12Page - Analog Devices ADP3182 Datasheet HTML 13Page - Analog Devices ADP3182 Datasheet HTML 14Page - Analog Devices ADP3182 Datasheet HTML 15Page - Analog Devices ADP3182 Datasheet HTML 16Page - Analog Devices ADP3182 Datasheet HTML 17Page - Analog Devices ADP3182 Datasheet HTML 18Page - Analog Devices ADP3182 Datasheet HTML 19Page - Analog Devices ADP3182 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP3182
Rev. 0 | Page 18 of 20
A type three compensator on the voltage feedback is adequate
for proper compensation of the output filter. Equations 20 to 22
are intended to yield an optimal starting point for the design;
some adjustments may be necessary to account for PCB and
component parasitic effects.
DS
D
L
OUT
R
X
B
X
X
A
R
A
R
V
V
R
n
R
R
C
C
×
+
×
×
×
×
×
=
2
4
(17)
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
−
×
×
×
×
×
×
=
X
SW
DS
D
OUT
X
R
X
X
B
A
R
f
R
A
V
R
V
L
R
C
n
R
R
2
4
2
(18)
A
SW
FB
R
f
n
C
×
×
×
=
2
1
(19)
If CX is 6000 µF (five 1200 µF capacitors in parallel) with an
equivalent ESR of 3 mΩ, the equations above give the following
compensation values:
CA = 1.33 nF
RA = 6.05 kΩ
CFB = 110 pF
Using the nearest standard value for each of these components
yields CA = 1.2 nF, RA = 6.04 kΩ, and CFB = 100 pF.
INPUT CAPACITOR SELECTION AND
INPUT CURRENT di/dt
In continuous inductor current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to n × VOUT/VIN and an amplitude of one-nth the
maximum output current. To prevent large voltage transients, a
low ESR input capacitor, sized for the maximum rms current,
must be used. The maximum rms capacitor current is given by
A
1
.
9
1
5
0.1
3
1
A
55
15
.
0
1
1
=
−
×
×
×
=
−
×
×
×
=
CRMS
O
CRMS
I
D
N
I
D
I
(20)
Note that manufacturers often base capacitor ripple current
rating on only 2,000 hours of life. Therefore, it advisable to
further derate the capacitor or to choose a capacitor rated at a
higher temperature than required. Several capacitors may be
placed in parallel to meet size or height requirements in the
design. In this example, the input capacitor bank is formed by
two 2,700 µF, 16 V aluminum electrolytic capacitors and three
4.7 µF ceramic capacitors.
To reduce the input current di/dt to a level below the recom-
mended maximum of 0.1 A/µs, an additional small inductor
(L > 370 nH @ 10 A) can be inserted between the converter and
the supply bus. That inductor also acts as a filter between the
converter and the primary power source.
INDUCTOR DCR TEMPERATURE CORRECTION
With the inductor’s DCR being used as the sense element and
copper wire being the source of the DCR, one needs to
compensate for temperature changes in the inductor’s winding
if a highly accurate safety current limit setpoint is desired.
Fortunately, copper has a well-known temperature coefficient
(TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage of
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor’s DCR. Due to the nonlinear
nature of NTC thermistors, resistors RCS1 and RCS2 are needed.
See Figure 10 for instructions on how to linearize the NTC and
produce the desired temperature tracking.
17
ADP3182
CSCOMP
CSSUM
CSREF
RTH
RCS1
RCS2
CCS1
CCS2
RPH1
RPH2
RPH3
TO
SWITCH
NODES
TO
VOUT
SENSE
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
18
16
Figure 10. Temperature Compensation Circuit Values
The following procedures and expressions yield values to use
for RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given
RCS value.
1.
Select an NTC based on type and value. Because we do not
have a value yet, start with a thermistor with a value close
to RCS. The NTC should also have an initial tolerance of
better than 5%.
2.
Based on the type of NTC, find its relative resistance value
at two temperatures. The temperatures that work well are
50°C and 90°C. These resistance values are called A
(RTH(50°C)/RTH(25°C)) and B (RTH(90°C)/RTH(25°C)). Note that the
NTC’s relative value is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage of change
needed, which in this example is initially 0.39%/°C. These
are called r1 (1/(1 + TC × (T1 − 25))) and r2 (1/(1 + TC ×
(T2 − 25))), where TC = 0.0039 for copper. T1 = 50°C and
T2 = 90°C are chosen. From this, one can calculate that r1 =
0.9112 and r2 = 0.7978.
4.
Compute the relative values for RCS1, RCS2, and RTH using
(
)
()
(
)
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com