Electronic Components Datasheet Search
  English  ▼

X  

ADP3182 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3182 Datasheet HTML 12Page - Analog Devices ADP3182 Datasheet HTML 13Page - Analog Devices ADP3182 Datasheet HTML 14Page - Analog Devices ADP3182 Datasheet HTML 15Page - Analog Devices ADP3182 Datasheet HTML 16Page - Analog Devices ADP3182 Datasheet HTML 17Page - Analog Devices ADP3182 Datasheet HTML 18Page - Analog Devices ADP3182 Datasheet HTML 19Page - Analog Devices ADP3182 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADP3182
Rev. 0 | Page 19 of 20
()
CS2
1
CS2
CS1
r
r
A
r
A
r
−
−
−
−
=
1
1
1
(22)
CS1
CS2
TH
r
r
r
1
1
1
1
−
−
=
(23)
5.
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also, compute a scaling factor k based
on the ratio of the actual thermistor value used relative to
the computed one:
(
)
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(24)
6.
Calculate values for RCS1 and RCS2 using
CS1
CS
CS1
r
k
R
R
×
×
=
(25)
()
(
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
−
×
=
1
(26)
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal
performance of a switching regulator in a PC system.
General Recommendations
For good results, a PCB with at least four layers is recommended.
This should allow the needed versatility for control circuitry
interconnections with optimal placement, power planes for
ground, input and output power, and wide interconnection
traces in the remainder of the power delivery current paths.
Keep in mind that each square unit of 1 ounce copper trace
has a resistance of ~0.53 mΩ at room temperature.
When high currents must be routed between PCB layers, vias
should be used liberally to create several parallel current paths
so that the resistance and inductance introduced by these current
paths is minimized and the via current rating is not exceeded.
If critical signal lines (including the output voltage sense lines of
the ADP3182) must cross through power circuitry, a signal
ground plane should be interposed between those signal lines
and the traces of the power circuitry. This serves as a shield to
minimize noise injection into the signals at the expense of
making the signal ground a bit noisier.
An analog ground plane should be used around and under the
ADP3182 as a reference for the components associated with the
controller. This plane should be tied to the nearest output de-
coupling capacitor ground, but it should not be tied to any other
power circuitry to prevent power currents from flowing in it.
The components around the ADP3182 should be located close
to the controller with short traces. The most important traces to
keep short and away from other traces are the FB and CSSUM
pins. The output capacitors should be connected as close as
possible to the load or connector. If the load is distributed, the
capacitors should also be distributed and generally be in pro-
portion to where the load tends to be more dynamic. Avoid
crossing any signal lines over the switching power path loop,
described in the following section.
Power Circuitry Recommendations
To minimize radiated switching noise energy (i.e., EMI) and
conduction losses in the board, the switching power path should
be routed on the PCB to encompass the shortest possible length.
Failure to take proper precautions often results in EMI problems
for the entire PC system as well as noise-related operational
problems in the power-converter control circuitry. The switching
power path is the loop formed by the current path through the
input capacitors and the power MOSFETs, including all inter-
connecting PCB traces and planes. Using short and wide
interconnection traces is especially critical in this path for two
reasons: it minimizes the inductance in the switching loop,
which can cause high energy ringing, and it accommodates the
high current demand with minimal voltage loss.
When a power-dissipating component, for example, a power
MOSFET, is soldered to a PCB, the liberal use of vias, both
directly on the mounting pad and immediately surrounding it,
is recommended. Two important reasons for this are improved
current rating through the vias and improved thermal
performance from vias that extend to the opposite side of the
PCB, where a plane can more readily transfer the heat to the air.
To optimize thermal dissipation, make a mirror image of the
pads in use to heat sink the MOSFETs on the opposite side of
the PCB. To further improve thermal performance, use the
largest possible pad area.
The output power path should also be routed to encompass a
short distance. The output power path is formed by the current
path through the inductor, the output capacitors, and the load.
For best EMI containment, a solid power ground plane should
be used as one of the inner layers, extending fully under all the
power components.
Signal Circuitry Recommendations
The output voltage is sensed and regulated between the FB pin
and the FBRTN pin, which connect to the signal ground at the
load. To avoid differential mode noise pickup in the sensed signal,
the loop area should be small. Therefore, the FB and FBRTN
traces should be routed adjacent to each other on top of the
power ground plane back to the controller. The feedback traces
from the switch nodes should be connected as close as possible
to the inductor. The CSREF signal should be connected to the
output voltage at the nearest inductor to the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com