Electronic Components Datasheet Search
  English  ▼

X  

ADP3182 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3182 Datasheet HTML 7Page - Analog Devices ADP3182 Datasheet HTML 8Page - Analog Devices ADP3182 Datasheet HTML 9Page - Analog Devices ADP3182 Datasheet HTML 10Page - Analog Devices ADP3182 Datasheet HTML 11Page - Analog Devices ADP3182 Datasheet HTML 12Page - Analog Devices ADP3182 Datasheet HTML 13Page - Analog Devices ADP3182 Datasheet HTML 14Page - Analog Devices ADP3182 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP3182
Rev. 0 | Page 11 of 20
After the limit is reached, the 3 V pull-up on the DELAY pin is
disconnected, and the external delay capacitor is discharged
through the external resistor. A comparator monitors the DELAY
voltage and shuts off the controller when the voltage drops
below 1.8 V. The current limit latch-off delay time is therefore
set by the RC time constant discharging from 3 V to 1.8 V.
Typical overcurrent latch-off waveforms are shown in Figure 7.
Because the controller continues to cycle the phases during the
latch-off delay time, the controller returns to normal operation
if the short is removed before the 1.8 V threshold is reached.
The recovery characteristic depends on the state of PWRGD. If
the output voltage is within the PWRGD window, the controller
resumes normal operation. However, if a short circuit has
caused the output voltage to drop below the PWRGD threshold,
a soft start cycle is initiated.
The latch-off function can be reset by either removing and
reapplying VCC to the ADP3182, or by pulling the EN pin low
for a short time. To disable the short-circuit latch-off function,
the external resistor to ground should be left open, and a high-
value (>1 MΩ) resistor should be connected from DELAY to
VCC. This prevents the DELAY capacitor from discharging, so
the 1.8 V threshold is never reached. The resistor has an impact
on the soft start time because the current through it adds to the
internal 20 µA current source.
During start-up when the output voltage is below 200 mV, a
secondary current limit is active. This is necessary because the
voltage swing of CSCOMP cannot go below ground. This
secondary current limit controls the internal COMP voltage to
the PWM comparators to 2 V. This limits the voltage drop
across the low-side MOSFETs through the current balance
circuitry.
An inherent per phase current limit protects individual phases
if one or more phases stop functioning because of a faulty
component. This limit is based on the maximum normal mode
COMP voltage.
POWER GOOD MONITORING
The power good comparator monitors the output voltage via the
FB pin. The PWRGD pin is an open-drain output whose high
level (when connected to a pull-up resistor) indicates that the
output voltage is within the nominal limits specified in the
electrical table. PWRGD goes low if the output voltage is
outside this specified range or the EN pin is pulled low. Figure 8
shows the PWRGD output response when the input power is
removed from the regulator.
Figure 7. Overcurrent Latch-Off Waveforms
Channel 1: CSREF, Channel 2: COMP,
Channel 3: Phase 1 Switch Node, Channel 4: DELAY
Figure 8. Shutdown Waveforms
Channel 1: CSREF, Channel 2: DELAY,
Channel 3: PWRGD, Channel 4: COMP
OUTPUT CROWBAR
As part of the protection for the load and output components of
the supply, the PWM outputs are driven low (turning on the
low-side MOSFETs) when the output voltage exceeds the upper
crowbar threshold. This crowbar action stops once the output
voltage falls below the release threshold of approximately 650 mV.
Turning on the low-side MOSFETs pulls down the output as the
reverse current builds up in the inductors. If the output over-
voltage is due to a short in the high-side MOSFET, this action
limits the current of the input supply or blows the fuse to
protect the microprocessor from being destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com