Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 25 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 25 Page - TDK Electronics

Back Button C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
(25/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: C0G (–55 to +125°C, 0±30 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
8 pF
0402
0.20±0.02
±0.50pF
C0402C0G1C080D020BC
0603
0.30±0.03
±0.50pF
C0603C0G1H080D030BA
C0603C0G1E080D030BA
1005
0.50±0.05
±0.25pF
C1005C0G1H080C050BA
±0.50pF
C1005C0G1H080D050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H080C080AA
±0.50pF
C1608C0G1H080D080AA
9 pF
0402
0.20±0.02
±0.50pF
C0402C0G1C090D020BC
0603
0.30±0.03
±0.50pF
C0603C0G1H090D030BA
C0603C0G1E090D030BA
1005
0.50±0.05
±0.25pF
C1005C0G1H090C050BA
±0.50pF
C1005C0G1H090D050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H090C080AA
±0.50pF
C1608C0G1H090D080AA
10 pF
0402
0.20±0.02
±0.50pF
C0402C0G1C100D020BC
0603
0.30±0.03
±0.50pF
C0603C0G1H100D030BA
C0603C0G1E100D030BA
1005
0.50±0.05
±0.25pF
C1005C0G1H100C050BA
±0.50pF
C1005C0G1H100D050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H100C080AA
±0.50pF
C1608C0G1H100D080AA
12 pF
0402
0.20±0.02
±10%
C0402C0G1C120K020BC
±5%
C0402C0G1C120J020BC
0603
0.30±0.03
±10%
C0603C0G1H120K030BA
C0603C0G1E120K030BA
±5%
C0603C0G1H120J030BA
C0603C0G1E120J030BA
1005
0.50±0.05
±5%
C1005C0G1H120J050BA
1608
0.80±0.10
±5%
C1608C0G1H120J080AA
15 pF
0402
0.20±0.02
±10%
C0402C0G1C150K020BC
±5%
C0402C0G1C150J020BC
0603
0.30±0.03
±10%
C0603C0G1H150K030BA
C0603C0G1E150K030BA
±5%
C0603C0G1H150J030BA
C0603C0G1E150J030BA
1005
0.50±0.05
±1%
C1005C0G1H150F050BA
±2%
C1005C0G1H150G050BA
±5%
C1005C0G1H150J050BA
1608
0.80±0.10
±1%
C1608C0G1H150F080AA
±2%
C1608C0G1H150G080AA
±5%
C1608C0G1H150J080AA
18 pF
0402
0.20±0.02
±10%
C0402C0G1C180K020BC
±5%
C0402C0G1C180J020BC
0603
0.30±0.03
±10%
C0603C0G1H180K030BA
C0603C0G1E180K030BA
±5%
C0603C0G1H180J030BA
C0603C0G1E180J030BA
1005
0.50±0.05
±5%
C1005C0G1H180J050BA
1608
0.80±0.10
±5%
C1608C0G1H180J080AA
22 pF
0402
0.20±0.02
±10%
C0402C0G1C220K020BC
±5%
C0402C0G1C220J020BC
0603
0.30±0.03
±10%
C0603C0G1H220K030BA
C0603C0G1E220K030BA
±5%
C0603C0G1H220J030BA
C0603C0G1E220J030BA
1005
0.50±0.05
±1%
C1005C0G1H220F050BA
±2%
C1005C0G1H220G050BA
±5%
C1005C0G1H220J050BA
1608
0.80±0.10
±1%
C1608C0G1H220F080AA
±2%
C1608C0G1H220G080AA
±5%
C1608C0G1H220J080AA
27 pF
0402
0.20±0.02
±10%
C0402C0G1C270K020BC
±5%
C0402C0G1C270J020BC
0603
0.30±0.03
±10%
C0603C0G1H270K030BA
C0603C0G1E270K030BA
±5%
C0603C0G1H270J030BA
C0603C0G1E270J030BA
1005
0.50±0.05
±5%
C1005C0G1H270J050BA
1608
0.80±0.10
±5%
C1608C0G1H270J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com