Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 41 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 41 Page - TDK Electronics

Back Button C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
(41/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
100 pF
0402
0.20±0.02
±10%
C0402X5R1C101K020BC
±20%
C0402X5R1C101M020BC
0603
0.30±0.03
±10%
C0603X5R1E101K030BA
±20%
C0603X5R1E101M030BA
150 pF
0402
0.20±0.02
±10%
C0402X5R1C151K020BC
±20%
C0402X5R1C151M020BC
0603
0.30±0.03
±10%
C0603X5R1E151K030BA
±20%
C0603X5R1E151M030BA
220 pF
0402
0.20±0.02
±10%
C0402X5R1C221K020BC
±20%
C0402X5R1C221M020BC
0603
0.30±0.03
±10%
C0603X5R1E221K030BA
±20%
C0603X5R1E221M030BA
1005
0.50±0.05
±10%
C1005X5R1H221K050BA
±20%
C1005X5R1H221M050BA
330 pF
0402
0.20±0.02
±10%
C0402X5R1C331K020BC
±20%
C0402X5R1C331M020BC
0603
0.30±0.03
±10%
C0603X5R1E331K030BA
±20%
C0603X5R1E331M030BA
1005
0.50±0.05
±10%
C1005X5R1H331K050BA
±20%
C1005X5R1H331M050BA
470 pF
0402
0.20±0.02
±10%
C0402X5R1C471K020BC
±20%
C0402X5R1C471M020BC
0603
0.30±0.03
±10%
C0603X5R1E471K030BA
±20%
C0603X5R1E471M030BA
1005
0.50±0.05
±10%
C1005X5R1H471K050BA
±20%
C1005X5R1H471M050BA
680 pF
0402
0.20±0.02
±10%
C0402X5R1C681K020BC
±20%
C0402X5R1C681M020BC
0603
0.30±0.03
±10%
C0603X5R1E681K030BA
±20%
C0603X5R1E681M030BA
1005
0.50±0.05
±10%
C1005X5R1H681K050BA
±20%
C1005X5R1H681M050BA
1 nF
0603
0.30±0.03
±10%
C0603X5R1E102K030BA
±20%
C0603X5R1E102M030BA
1005
0.50±0.05
±10%
C1005X5R1H102K050BA
±20%
C1005X5R1H102M050BA
1608
0.80±0.10
±10%
C1608X5R1H102K080AA
1.5 nF
0603
0.30±0.03
±10%
C0603X5R1E152K030BA
±20%
C0603X5R1E152M030BA
1005
0.50±0.05
±10%
C1005X5R1H152K050BA
±20%
C1005X5R1H152M050BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com