Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 40 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 40 Page - TDK Electronics

Back Button C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
(40/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: JB (–25 to +85°C, ±10%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
680 nF
1608
0.80+0.15,-0.10
±10%
C1608JB1A684K080AC
±20%
C1608JB1A684M080AC
1 µF
1608
0.80+0.15,-0.10
±10%
C1608JB1A105K080AC
±20%
C1608JB1A105M080AC
1.5 µF
1005
0.50±0.05
±10%
C1005JB1A155K050BC
C1005JB0J155K050BB
±20%
C1005JB1A155M050BC
C1005JB0J155M050BB
2.2 µF
1005
0.50±0.05
±10%
C1005JB1A225K050BC
C1005JB0J225K050BC
C1005JB0G225K050BB
±20%
C1005JB1A225M050BC
C1005JB0J225M050BC
C1005JB0G225M050BB
2012
0.85±0.15
±10%
C2012JB1A225K085AA
±20%
C2012JB1A225M085AA
3.3 µF
1005
0.50±0.10
±10%
C1005JB1A335K050BC
C1005JB0J335K050BC
C1005JB0G335K050BB
±20%
C1005JB1A335M050BC
C1005JB0J335M050BC
C1005JB0G335M050BB
1608
0.80±0.10
±10%
C1608JB1A335K080AB
±20%
C1608JB1A335M080AB
2012
1.25±0.20
±10%
C2012JB1A335K125AA
±20%
C2012JB1A335M125AA
4.7 µF
1005
0.50+0.15,-0.10
±10%
C1005JB1A475K050BC
C1005JB0J475K050BC
C1005JB0G475K050BB
±20%
C1005JB1A475M050BC
C1005JB0J475M050BC
C1005JB0G475M050BB
1608
0.80±0.10
±10%
C1608JB1A475K080AB
±20%
C1608JB1A475M080AB
2012
0.60±0.15
±10%
C2012JB1A475K060AB
±20%
C2012JB1A475M060AB
1.25±0.20
±10%
C2012JB1A475K125AA
±20%
C2012JB1A475M125AA
6.8 µF
1608
0.80±0.10
±10%
C1608JB1A685K080AC
C1608JB0J685K080AB
±20%
C1608JB1A685M080AC
C1608JB0J685M080AB
2012
0.60±0.15
±10%
C2012JB1A685K060AC
±20%
C2012JB1A685M060AC
10 µF
1608
0.80±0.10
±10%
C1608JB1A106K080AC
C1608JB0J106K080AB
±20%
C1608JB1A106M080AC
C1608JB0J106M080AB
3216
1.60±0.20
±10%
C3216JB1A106K160AA
±20%
C3216JB1A106M160AA
15 µF
1608
0.80±0.20
±20%
C1608JB1A156M080AC
C1608JB0J156M080AC
C1608JB0G156M080AA
2012
0.85±0.15
±20%
C2012JB1A156M085AC
C2012JB0J156M085AB
1.25±0.20
±20%
C2012JB1A156M125AB
3225
2.30±0.20
±20%
C3225JB1A156M230AA
22 µF
1608
0.80±0.20
±20%
C1608JB1A226M080AC
C1608JB0J226M080AC
C1608JB0G226M080AA
2012
0.85±0.15
±20%
C2012JB1A226M085AC
C2012JB0J226M085AB
1.25±0.20
±20%
C2012JB1A226M125AB
3225
2.50±0.30
±20%
C3225JB1A226M250AA
33 µF
2012
1.25±0.20
±20%
C2012JB1A336M125AC
C2012JB0J336M125AC
3216
1.60±0.20
±20%
C3216JB1A336M160AB
47 µF
2012
1.25±0.20
±20%
C2012JB1A476M125AC
C2012JB0J476M125AC
3216
1.60±0.20
±20%
C3216JB1A476M160AB
68 µF
3216
1.60+0.30,-0.10
±20%
C3216JB1A686M160AC
C3216JB0J686M160AB
100 µF
3216
1.60+0.30,-0.10
±20%
C3216JB1A107M160AC
C3216JB0J107M160AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com