Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 26 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 26 Page - TDK Electronics

Back Button C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
(26/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: C0G (–55 to +125°C, 0±30 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
33 pF
0402
0.20±0.02
±10%
C0402C0G1C330K020BC
±5%
C0402C0G1C330J020BC
0603
0.30±0.03
±10%
C0603C0G1H330K030BA
C0603C0G1E330K030BA
±5%
C0603C0G1H330J030BA
C0603C0G1E330J030BA
1005
0.50±0.05
±1%
C1005C0G1H330F050BA
±2%
C1005C0G1H330G050BA
±5%
C1005C0G1H330J050BA
1608
0.80±0.10
±1%
C1608C0G1H330F080AA
±2%
C1608C0G1H330G080AA
±5%
C1608C0G1H330J080AA
39 pF
0402
0.20±0.02
±10%
C0402C0G1C390K020BC
±5%
C0402C0G1C390J020BC
0603
0.30±0.03
±10%
C0603C0G1H390K030BA
C0603C0G1E390K030BA
±5%
C0603C0G1H390J030BA
C0603C0G1E390J030BA
1005
0.50±0.05
±5%
C1005C0G1H390J050BA
1608
0.80±0.10
±5%
C1608C0G1H390J080AA
47 pF
0402
0.20±0.02
±10%
C0402C0G1C470K020BC
±5%
C0402C0G1C470J020BC
0603
0.30±0.03
±10%
C0603C0G1H470K030BA
C0603C0G1E470K030BA
±5%
C0603C0G1H470J030BA
C0603C0G1E470J030BA
1005
0.50±0.05
±1%
C1005C0G1H470F050BA
±2%
C1005C0G1H470G050BA
±5%
C1005C0G1H470J050BA
1608
0.80±0.10
±1%
C1608C0G1H470F080AA
±2%
C1608C0G1H470G080AA
±5%
C1608C0G1H470J080AA
56 pF
0402
0.20±0.02
±10%
C0402C0G1C560K020BC
±5%
C0402C0G1C560J020BC
0603
0.30±0.03
±10%
C0603C0G1H560K030BA
C0603C0G1E560K030BA
±5%
C0603C0G1H560J030BA
C0603C0G1E560J030BA
1005
0.50±0.05
±5%
C1005C0G1H560J050BA
1608
0.80±0.10
±5%
C1608C0G1H560J080AA
68 pF
0402
0.20±0.02
±10%
C0402C0G1C680K020BC
±5%
C0402C0G1C680J020BC
0603
0.30±0.03
±10%
C0603C0G1H680K030BA
C0603C0G1E680K030BA
±5%
C0603C0G1H680J030BA
C0603C0G1E680J030BA
1005
0.50±0.05
±1%
C1005C0G1H680F050BA
±2%
C1005C0G1H680G050BA
±5%
C1005C0G1H680J050BA
1608
0.80±0.10
±1%
C1608C0G1H680F080AA
±2%
C1608C0G1H680G080AA
±5%
C1608C0G1H680J080AA
82 pF
0402
0.20±0.02
±10%
C0402C0G1C820K020BC
±5%
C0402C0G1C820J020BC
0603
0.30±0.03
±10%
C0603C0G1H820K030BA
C0603C0G1E820K030BA
±5%
C0603C0G1H820J030BA
C0603C0G1E820J030BA
1005
0.50±0.05
±5%
C1005C0G1H820J050BA
1608
0.80±0.10
±5%
C1608C0G1H820J080AA
100 pF
0402
0.20±0.02
±10%
C0402C0G1C101K020BC
±5%
C0402C0G1C101J020BC
0603
0.30±0.03
±10%
C0603C0G1H101K030BA
C0603C0G1E101K030BA
±5%
C0603C0G1H101J030BA
C0603C0G1E101J030BA
1005
0.50±0.05
±1%
C1005C0G1H101F050BA
±10%
C1005C0G1H101K050BA
±2%
C1005C0G1H101G050BA
±5%
C1005C0G1H101J050BA
1608
0.80±0.10
±1%
C1608C0G1H101F080AA
±10%
C1608C0G1H101K080AA
±2%
C1608C0G1H101G080AA
±5%
C1608C0G1H101J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com