Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 54 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 54 Page - TDK Electronics

Back Button C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics C2012 Datasheet HTML 56Page - TDK Electronics C2012 Datasheet HTML 57Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
(54/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 75V Rated voltage Edc: 50V Rated voltage Edc: 35V Rated voltage Edc: 25V Rated voltage Edc: 16V
3.3 µF
2012
1.25±0.20
±10%
C2012X7R1V335K125AC
C2012X7R1E335K125AB
C2012X7R1C335K125AB
±20%
C2012X7R1V335M125AC
C2012X7R1E335M125AB
C2012X7R1C335M125AB
3216
1.60±0.20
±10%
C3216X7R1H335K160AC
C3216X7R1V335K160AB
C3216X7R1E335K160AC
±20%
C3216X7R1H335M160AC
C3216X7R1V335M160AB
C3216X7R1E335M160AC
3225
1.60±0.20
±10%
C3225X7R1E335K160AA
±20%
C3225X7R1E335M160AA
2.50±0.30
±10%
C3225X7R1H335K250AB
±20%
C3225X7R1H335M250AB
4532
2.00±0.20
±10%
C4532X7R1H335K200KA
±20%
C4532X7R1H335M200KA
4.7 µF
2012
1.25±0.20
±10%
C2012X7R1H475K125AC
C2012X7R1V475K125AC
C2012X7R1E475K125AB
C2012X7R1C475K125AB
±20%
C2012X7R1V475M125AC
C2012X7R1E475M125AB
C2012X7R1C475M125AB
3216
0.85±0.15
±10%
C3216X7R1V475K085AC
C3216X7R1E475K085AB
C3216X7R1C475K085AB
±20%
C3216X7R1V475M085AC
C3216X7R1E475M085AB
C3216X7R1C475M085AB
1.60±0.20
±10%
C3216X7R1H475K160AC
C3216X7R1V475K160AB
C3216X7R1E475K160AC
C3216X7R1C475K160AB
±20%
C3216X7R1H475M160AC
C3216X7R1V475M160AB
C3216X7R1E475M160AC
C3216X7R1C475M160AB
3225
2.00±0.20
±10%
C3225X7R1E475K200AA
±20%
C3225X7R1E475M200AA
2.50±0.30
±10%
C3225X7R1H475K250AB
±20%
C3225X7R1H475M250AB
4532
2.00±0.20
±10%
C4532X7R1H475K200KB
±20%
C4532X7R1H475M200KB
C4532X7R1E475M200KA
5750
2.00±0.20
±10%
C5750X7R1H475K200KA
±20%
C5750X7R1H475M200KA
2.80±0.30
±20%
C5750X7R1H475M280KA
6.8 µF
3216
1.60±0.20
±10%
C3216X7R1V685K160AC
C3216X7R1E685K160AB
C3216X7R1C685K160AC
±20%
C3216X7R1V685M160AC
C3216X7R1E685M160AB
C3216X7R1C685M160AC
3225
2.50±0.30
±10%
C3225X7R1E685K250AB
±20%
C3225X7R1E685M250AB
4532
2.50±0.30
±10%
C4532X7R1H685K250KB
±20%
C4532X7R1H685M250KB
5750
2.50±0.30
±10%
C5750X7R1H685K250KA
±20%
C5750X7R1H685M250KA
10 µF
3216
1.60±0.20
±10%
C3216X7R1H106K160AC
C3216X7R1V106K160AC
C3216X7R1E106K160AB
C3216X7R1C106K160AC
±20%
C3216X7R1V106M160AC
C3216X7R1E106M160AB
C3216X7R1C106M160AC
3225
2.00±0.20
±10%
C3225X7R1C106K200AB
±20%
C3225X7R1C106M200AB
2.50±0.30
±10%
C3225X7R1N106K250AC
C3225X7R1H106K250AC
C3225X7R1E106K250AC
±20%
C3225X7R1N106M250AC
C3225X7R1H106M250AC
C3225X7R1E106M250AC
4532
2.30±0.20
±10%
C4532X7R1C106K230KA
±20%
C4532X7R1C106M230KA
2.50±0.30
±10%
C4532X7R1E106K250KA
±20%
C4532X7R1E106M250KA
5750
2.00±0.20
±20%
C5750X7R1E106M200KA
2.30±0.20
±10%
C5750X7R1H106K230KB
±20%
C5750X7R1H106M230KB
15 µF
3225
2.50±0.30
±20%
C3225X7R1C156M250AB
4532
2.50±0.30
±20%
C4532X7R1E156M250KC
2.80±0.30
±20%
C4532X7R1E156M280KB
5750
2.30±0.20
±20%
C5750X7R1E156M230KA
22 µF
3225
2.50±0.30
±10%
C3225X7R1C226K250AC
±20%
C3225X7R1E226M250AB
C3225X7R1C226M250AC
4532
2.00±0.20
±20%
C4532X7R1C226M200KC
2.30±0.20
±20%
C4532X7R1C226M230KB
2.50±0.30
±20%
C4532X7R1E226M250KC
5750
2.50±0.30
±20%
C5750X7R1H226M250KB
C5750X7R1E226M250KA
2.80±0.30
±20%
C5750X7R1C226M280KA
33 µF
4532
2.50±0.30
±20%
C4532X7R1C336M250KC
5750
2.00±0.20
±20%
C5750X7R1C336M200KB
47 µF
5750
2.30±0.20
±20%
C5750X7R1V476M230KC
C5750X7R1E476M230KB
C5750X7R1C476M230KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com