Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 27 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 27 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
(27/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: C0G (–55 to +125°C, 0±30 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
120 pF
1005
0.50±0.05
±10%
C1005C0G1H121K050BA
±5%
C1005C0G1H121J050BA
1608
0.80±0.10
±10%
C1608C0G1H121K080AA
±5%
C1608C0G1H121J080AA
150 pF
1005
0.50±0.05
±1%
C1005C0G1H151F050BA
±10%
C1005C0G1H151K050BA
±2%
C1005C0G1H151G050BA
±5%
C1005C0G1H151J050BA
1608
0.80±0.10
±1%
C1608C0G1H151F080AA
±10%
C1608C0G1H151K080AA
±2%
C1608C0G1H151G080AA
±5%
C1608C0G1H151J080AA
180 pF
1005
0.50±0.05
±10%
C1005C0G1H181K050BA
±5%
C1005C0G1H181J050BA
1608
0.80±0.10
±10%
C1608C0G1H181K080AA
±5%
C1608C0G1H181J080AA
220 pF
1005
0.50±0.05
±1%
C1005C0G1H221F050BA
±10%
C1005C0G1H221K050BA
±2%
C1005C0G1H221G050BA
±5%
C1005C0G1H221J050BA
1608
0.80±0.10
±1%
C1608C0G1H221F080AA
±10%
C1608C0G1H221K080AA
±2%
C1608C0G1H221G080AA
±5%
C1608C0G1H221J080AA
270 pF
1005
0.50±0.05
±10%
C1005C0G1H271K050BA
±5%
C1005C0G1H271J050BA
1608
0.80±0.10
±10%
C1608C0G1H271K080AA
±5%
C1608C0G1H271J080AA
330 pF
1005
0.50±0.05
±1%
C1005C0G1H331F050BA
±10%
C1005C0G1H331K050BA
±2%
C1005C0G1H331G050BA
±5%
C1005C0G1H331J050BA
1608
0.80±0.10
±1%
C1608C0G1H331F080AA
±10%
C1608C0G1H331K080AA
±2%
C1608C0G1H331G080AA
±5%
C1608C0G1H331J080AA
390 pF
1005
0.50±0.05
±10%
C1005C0G1H391K050BA
±5%
C1005C0G1H391J050BA
1608
0.80±0.10
±10%
C1608C0G1H391K080AA
±5%
C1608C0G1H391J080AA
470 pF
1005
0.50±0.05
±1%
C1005C0G1H471F050BA
±10%
C1005C0G1H471K050BA
±2%
C1005C0G1H471G050BA
±5%
C1005C0G1H471J050BA
1608
0.80±0.10
±1%
C1608C0G1H471F080AA
±10%
C1608C0G1H471K080AA
±2%
C1608C0G1H471G080AA
±5%
C1608C0G1H471J080AA
560 pF
1005
0.50±0.05
±10%
C1005C0G1H561K050BA
±5%
C1005C0G1H561J050BA
1608
0.80±0.10
±10%
C1608C0G1H561K080AA
±5%
C1608C0G1H561J080AA
680 pF
1005
0.50±0.05
±1%
C1005C0G1H681F050BA
±10%
C1005C0G1H681K050BA
±2%
C1005C0G1H681G050BA
±5%
C1005C0G1H681J050BA
1608
0.80±0.10
±1%
C1608C0G1H681F080AA
±10%
C1608C0G1H681K080AA
±2%
C1608C0G1H681G080AA
±5%
C1608C0G1H681J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com