Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 55 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 55 Page - TDK Electronics

Back Button C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics C2012 Datasheet HTML 56Page - TDK Electronics C2012 Datasheet HTML 57Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
(55/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
100 pF
0402
0.20±0.02
±10%
C0402X7R1A101K020BC
C0402X7R0J101K020BC
C0402X7R0G101K020BC
±20%
C0402X7R1A101M020BC
C0402X7R0J101M020BC
C0402X7R0G101M020BC
150 pF
0402
0.20±0.02
±10%
C0402X7R1A151K020BC
C0402X7R0J151K020BC
C0402X7R0G151K020BC
±20%
C0402X7R1A151M020BC
C0402X7R0J151M020BC
C0402X7R0G151M020BC
220 pF
0402
0.20±0.02
±10%
C0402X7R1A221K020BC
C0402X7R0J221K020BC
C0402X7R0G221K020BC
±20%
C0402X7R1A221M020BC
C0402X7R0J221M020BC
C0402X7R0G221M020BC
330 pF
0402
0.20±0.02
±10%
C0402X7R1A331K020BC
C0402X7R0J331K020BC
C0402X7R0G331K020BC
±20%
C0402X7R1A331M020BC
C0402X7R0J331M020BC
C0402X7R0G331M020BC
470 pF
0402
0.20±0.02
±10%
C0402X7R1A471K020BC
C0402X7R0J471K020BC
C0402X7R0G471K020BC
±20%
C0402X7R1A471M020BC
C0402X7R0J471M020BC
C0402X7R0G471M020BC
680 pF
0402
0.20±0.02
±10%
C0402X7R1A681K020BC
C0402X7R0J681K020BC
C0402X7R0G681K020BC
±20%
C0402X7R1A681M020BC
C0402X7R0J681M020BC
C0402X7R0G681M020BC
1 nF
0402
0.20±0.02
±10%
C0402X7R1A102K020BC
±20%
C0402X7R1A102M020BC
1.5 nF
0402
0.20±0.02
±10%
C0402X7R1A152K020BC
±20%
C0402X7R1A152M020BC
2.2 nF
0603
0.30±0.03
±10%
C0603X7R1A222K030BA
C0603X7R0J222K030BA
±20%
C0603X7R1A222M030BA
C0603X7R0J222M030BA
4.7 nF
0603
0.30±0.03
±10%
C0603X7R1A472K030BA
C0603X7R0J472K030BA
±20%
C0603X7R1A472M030BA
C0603X7R0J472M030BA
10 nF
0603
0.30±0.03
±10%
C0603X7R1A103K030BA
C0603X7R0J103K030BA
±20%
C0603X7R1A103M030BA
C0603X7R0J103M030BC
100 nF
1005
0.50±0.05
±10%
C1005X7R1A104K050BB
150 nF
1005
0.50±0.05
±10%
C1005X7R1A154K050BB
±20%
C1005X7R1A154M050BB
220 nF
1005
0.50±0.05
±10%
C1005X7R1A224K050BB
±20%
C1005X7R1A224M050BB
680 nF
1608
0.80+0.15,-0.10
±10%
C1608X7R1A684K080AC
±20%
C1608X7R1A684M080AC
1 µF
1608
0.80+0.15,-0.10
±10%
C1608X7R1A105K080AC
±20%
C1608X7R1A105M080AC
1.5 µF
1608
0.80±0.10
±10%
C1608X7R1A155K080AC
C1608X7R0J155K080AB
±20%
C1608X7R1A155M080AC
C1608X7R0J155M080AB
2.2 µF
1608
0.80±0.10
±10%
C1608X7R1A225K080AC
C1608X7R0J225K080AB
±20%
C1608X7R1A225M080AC
C1608X7R0J225M080AB
3.3 µF
2012
1.25±0.20
±10%
C2012X7R1A335K125AC
±20%
C2012X7R1A335M125AC
4.7 µF
2012
0.85±0.15
±10%
C2012X7R1A475K085AC
C2012X7R0J475K085AB
±20%
C2012X7R1A475M085AC
C2012X7R0J475M085AB
1.25±0.20
±10%
C2012X7R1A475K125AC
±20%
C2012X7R1A475M125AC
6.8 µF
2012
1.25±0.20
±10%
C2012X7R1A685K125AC
C2012X7R0J685K125AB
±20%
C2012X7R1A685M125AC
C2012X7R0J685M125AB
10 µF
2012
1.25±0.20
±10%
C2012X7R1A106K125AC
C2012X7R0J106K125AB
±20%
C2012X7R1A106M125AC
C2012X7R0J106M125AB
3216
0.85±0.15
±10%
C3216X7R1A106K085AC
C3216X7R0J106K085AB
±20%
C3216X7R1A106M085AC
C3216X7R0J106M085AB
1.60±0.20
±10%
C3216X7R1A106K160AC
±20%
C3216X7R1A106M160AC
22 µF
3225
2.30±0.20
±10%
C3225X7R1A226K230AC
±20%
C3225X7R1A226M230AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com