Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 45 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 45 Page - TDK Electronics

Back Button C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
(45/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
10 µF
3225
2.00±0.20
±10%
C3225X5R1C106K200AA
±20%
C3225X5R1C106M200AA
2.50±0.30
±10%
C3225X5R1H106K250AB
C3225X5R1E106K250AA
±20%
C3225X5R1H106M250AB
C3225X5R1E106M250AA
4532
2.50±0.30
±10%
C4532X5R1E106K250KA
±20%
C4532X5R1E106M250KA
5750
2.30±0.20
±10%
C5750X5R1H106K230KA
±20%
C5750X5R1H106M230KA
15 µF
2012
1.25±0.20
±20%
C2012X5R1V156M125AC
C2012X5R1E156M125AC
C2012X5R1C156M125AC
3216
1.60±0.20
±20%
C3216X5R1V156M160AC
C3216X5R1E156M160AB
C3216X5R1C156M160AB
3225
2.50±0.30
±20%
C3225X5R1C156M250AA
4532
2.50±0.30
±20%
C4532X5R1E156M250KA
2.80±0.30
±20%
C4532X5R1E156M280KA
22 µF
2012
0.85±0.15
±20%
C2012X5R1C226M085AC
1.25±0.20
±10%
C2012X5R1C226K125AC
±20%
C2012X5R1V226M125AC
C2012X5R1E226M125AC
C2012X5R1C226M125AC
3216
1.60±0.20
±20%
C3216X5R1V226M160AC
C3216X5R1E226M160AB
C3216X5R1C226M160AB
3225
2.50±0.30
±10%
C3225X5R1C226K250AA
±20%
C3225X5R1C226M250AA
4532
2.00±0.20
±20%
C4532X5R1C226M200KA
2.30±0.20
±20%
C4532X5R1C226M230KA
2.50±0.30
±20%
C4532X5R1E226M250KA
5750
2.30±0.20
±20%
C5750X5R1E226M230KA
2.50±0.30
±20%
C5750X5R1E226M250KA
33 µF
3216
1.60±0.20
±20%
C3216X5R1E336M160AC
C3216X5R1C336M160AB
4532
2.50±0.30
±20%
C4532X5R1C336M250KA
5750
2.00±0.20
±20%
C5750X5R1C336M200KA
47 µF
3216
1.60±0.20
±20%
C3216X5R1E476M160AC
C3216X5R1C476M160AB
5750
2.30±0.20
±20%
C5750X5R1C476M230KA
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
1 nF
0402
0.20±0.02
±10%
C0402X5R1A102K020BC
C0402X5R0J102K020BC
C0402X5R0G102K020BC
±20%
C0402X5R1A102M020BC
C0402X5R0J102M020BC
C0402X5R0G102M020BC
1.5 nF
0402
0.20±0.02
±10%
C0402X5R1A152K020BC
C0402X5R0J152K020BC
C0402X5R0G152K020BC
±20%
C0402X5R1A152M020BC
C0402X5R0J152M020BC
C0402X5R0G152M020BC
2.2 nF
0402
0.20±0.02
±10%
C0402X5R1A222K020BC
C0402X5R0J222K020BC
C0402X5R0G222K020BC
±20%
C0402X5R1A222M020BC
C0402X5R0J222M020BC
C0402X5R0G222M020BC
6.8 nF
0603
0.30±0.03
±10%
C0603X5R1A682K030BA
±20%
C0603X5R1A682M030BA
10 nF
0603
0.30±0.03
±10%
C0603X5R1A103K030BA
±20%
C0603X5R1A103M030BA
15 nF
0603
0.30±0.03
±10%
C0603X5R1A153K030BC
C0603X5R0J153K030BA
±20%
C0603X5R1A153M030BC
C0603X5R0J153M030BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com