Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 50 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 50 Page - TDK Electronics

Back Button C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
(50/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X6S (–55 to +105°C, ±22%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
470 pF
0402
0.20±0.02
±10%
C0402X6S1A471K020BC
C0402X6S0J471K020BC
C0402X6S0G471K020BC
±20%
C0402X6S1A471M020BC
C0402X6S0J471M020BC
C0402X6S0G471M020BC
680 pF
0402
0.20±0.02
±10%
C0402X6S1A681K020BC
C0402X6S0J681K020BC
C0402X6S0G681K020BC
±20%
C0402X6S1A681M020BC
C0402X6S0J681M020BC
C0402X6S0G681M020BC
2.2 nF
0603
0.30±0.03
±10%
C0603X6S1A222K030BA
C0603X6S0J222K030BA
±20%
C0603X6S1A222M030BA
C0603X6S0J222M030BA
4.7 nF
0603
0.30±0.03
±10%
C0603X6S1A472K030BA
C0603X6S0J472K030BA
±20%
C0603X6S1A472M030BA
C0603X6S0J472M030BA
10 nF
0603
0.30±0.03
±10%
C0603X6S1A103K030BA
C0603X6S0J103K030BA
±20%
C0603X6S1A103M030BA
C0603X6S0J103M030BA
22 nF
0603
0.30±0.03
±10%
C0603X6S1A223K030BB
±20%
C0603X6S1A223M030BB
47 nF
0603
0.30±0.03
±10%
C0603X6S1A473K030BB
±20%
C0603X6S1A473M030BB
100 nF
0603
0.30±0.03
±10%
C0603X6S0J104K030BC
±20%
C0603X6S0J104M030BC
1005
0.50±0.05
±10%
C1005X6S0J104K050BA
C1005X6S0G104K050BA
±20%
C1005X6S0J104M050BA
C1005X6S0G104M050BA
150 nF
0603
0.30±0.03
±10%
C0603X6S0J154K030BC
C0603X6S0G154K030BB
±20%
C0603X6S0J154M030BC
C0603X6S0G154M030BB
0.30±0.05
±10%
C0603X6S1A154K030BC
±20%
C0603X6S1A154M030BC
220 nF
0603
0.30±0.03
±10%
C0603X6S0J224K030BC
C0603X6S0G224K030BB
±20%
C0603X6S0J224M030BC
C0603X6S0G224M030BB
0.30±0.05
±10%
C0603X6S1A224K030BC
±20%
C0603X6S1A224M030BC
330 nF
0603
0.30±0.05
±10%
C0603X6S0G334K030BC
±20%
C0603X6S0G334M030BC
1005
0.50±0.05
±10%
C1005X6S1A334K050BC
C1005X6S0J334K050BC
C1005X6S0G334K050BB
±20%
C1005X6S1A334M050BC
C1005X6S0J334M050BC
C1005X6S0G334M050BB
470 nF
0603
0.30±0.05
±20%
C0603X6S0G474M030BC
1005
0.50±0.05
±10%
C1005X6S1A474K050BC
C1005X6S0G474K050BB
±20%
C1005X6S1A474M050BC
C1005X6S0G474M050BB
680 nF
1005
0.50±0.05
±10%
C1005X6S1A684K050BC
C1005X6S0G684K050BB
±20%
C1005X6S1A684M050BC
C1005X6S0G684M050BB
1 µF
1005
0.50±0.05
±10%
C1005X6S1A105K050BC
±20%
C1005X6S1A105M050BC
1608
0.80+0.15,-0.10
±10%
C1608X6S1A105K080AC
C1608X6S0J105K080AC
±20%
C1608X6S1A105M080AC
C1608X6S0J105M080AC
1.5 µF
1005
0.50±0.05
±10%
C1005X6S0J155K050BC
C1005X6S0G155K050BC
±20%
C1005X6S0J155M050BC
C1005X6S0G155M050BC
0.50±0.10
±10%
C1005X6S1A155K050BC
±20%
C1005X6S1A155M050BC
1608
0.80±0.10
±10%
C1608X6S1A155K080AB
C1608X6S0J155K080AB
±20%
C1608X6S1A155M080AB
C1608X6S0J155M080AB
2.2 µF
1005
0.50±0.05
±10%
C1005X6S0J225K050BC
C1005X6S0G225K050BC
±20%
C1005X6S0J225M050BC
C1005X6S0G225M050BC
0.50±0.10
±10%
C1005X6S1A225K050BC
±20%
C1005X6S1A225M050BC
1608
0.80±0.10
±10%
C1608X6S1A225K080AB
C1608X6S0J225K080AB
±20%
C1608X6S1A225M080AB
C1608X6S0J225M080AB
3.3 µF
1005
0.50±0.10
±10%
C1005X6S0G335K050BC
±20%
C1005X6S0G335M050BC
1608
0.80±0.10
±10%
C1608X6S1A335K080AC
C1608X6S0J335K080AB
±20%
C1608X6S1A335M080AC
C1608X6S0J335M080AB
4.7 µF
1005
0.50+0.15,-0.10
±20%
C1005X6S0G475M050BC
1608
0.80±0.10
±10%
C1608X6S1A475K080AC
C1608X6S0J475K080AB
±20%
C1608X6S1A475M080AC
C1608X6S0J475M080AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com