Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 51 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 51 Page - TDK Electronics

Back Button C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
(51/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X6S (–55 to +105°C, ±22%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
4.7 µF
2012
0.85±0.15
±10%
C2012X6S1A475K085AB
±20%
C2012X6S1A475M085AB
1.25±0.20
±10%
C2012X6S0J475K125AB
±20%
C2012X6S0J475M125AB
6.8 µF
1608
0.80±0.10
±10%
C1608X6S0G685K080AC
±20%
C1608X6S0G685M080AC
0.80±0.20
±10%
C1608X6S1A685K080AC
C1608X6S0J685K080AB
±20%
C1608X6S1A685M080AC
C1608X6S0J685M080AB
2012
0.85±0.15
±10%
C2012X6S1A685K085AC
C2012X6S0J685K085AB
±20%
C2012X6S1A685M085AC
C2012X6S0J685M085AB
1.25±0.20
±10%
C2012X6S1A685K125AB
±20%
C2012X6S1A685M125AB
3216
0.85±0.15
±10%
C3216X6S1A685K085AB
±20%
C3216X6S1A685M085AB
10 µF
1608
0.80±0.10
±10%
C1608X6S0G106K080AB
±20%
C1608X6S0G106M080AC
0.80±0.20
±20%
C1608X6S1A106M080AC
C1608X6S0J106M080AC
2012
0.85±0.15
±10%
C2012X6S1A106K085AC
C2012X6S0J106K085AC
±20%
C2012X6S1A106M085AC
C2012X6S0J106M085AC
1.25±0.20
±10%
C2012X6S1A106K125AB
C2012X6S0J106K125AB
±20%
C2012X6S1A106M125AB
C2012X6S0J106M125AB
3216
0.85±0.15
±10%
C3216X6S1A106K085AB
±20%
C3216X6S1A106M085AB
1.60±0.20
±10%
C3216X6S0J106K160AC
±20%
C3216X6S0J106M160AC
15 µF
2012
0.85±0.15
±20%
C2012X6S0G156M085AC
1.25±0.20
±20%
C2012X6S1A156M125AC
C2012X6S0J156M125AB
3216
1.60±0.20
±20%
C3216X6S1A156M160AB
C3216X6S0J156M160AB
22 µF
1608
0.80±0.20
±20%
C1608X6S0G226M080AC
2012
0.85±0.15
±20%
C2012X6S0J226M085AC
C2012X6S0G226M085AC
1.25±0.20
±20%
C2012X6S1A226M125AC
C2012X6S0J226M125AB
3216
1.60±0.20
±20%
C3216X6S1A226M160AB
C3216X6S0J226M160AB
33 µF
2012
1.25±0.20
±20%
C2012X6S0G336M125AC
3216
1.60±0.20
±20%
C3216X6S1A336M160AC
C3216X6S0J336M160AB
47 µF
2012
1.25±0.20
±20%
C2012X6S0G476M125AC
3216
1.60±0.20
±20%
C3216X6S1A476M160AC
C3216X6S0J476M160AB
3225
2.50±0.30
±20%
C3225X6S0J476M250AC
68 µF
3216
1.60+0.30,-0.10
±20%
C3216X6S0G686M160AC
100 µF
3216
1.60+0.30,-0.10
±20%
C3216X6S0G107M160AC
3225
2.50+0.40,-0.30
±20%
C3225X6S1A107M250AC
C3225X6S0J107M250AB
4532
2.80±0.30
±20%
C4532X6S0J107M280KC
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
100 pF
0603
0.30±0.03
±10%
C0603X7R1E101K030BA
±20%
C0603X7R1E101M030BA
150 pF
0603
0.30±0.03
±10%
C0603X7R1E151K030BA
±20%
C0603X7R1E151M030BA
220 pF
0603
0.30±0.03
±10%
C0603X7R1E221K030BA
±20%
C0603X7R1E221M030BA
1005
0.50±0.05
±10%
C1005X7R1H221K050BA
±20%
C1005X7R1H221M050BA
330 pF
0603
0.30±0.03
±10%
C0603X7R1E331K030BA
±20%
C0603X7R1E331M030BA
1005
0.50±0.05
±10%
C1005X7R1H331K050BA
±20%
C1005X7R1H331M050BA
470 pF
0603
0.30±0.03
±10%
C0603X7R1E471K030BA
±20%
C0603X7R1E471M030BA
1005
0.50±0.05
±10%
C1005X7R1H471K050BA
±20%
C1005X7R1H471M050BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com