Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 56 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 56 Page - TDK Electronics

Back Button C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics C2012 Datasheet HTML 56Page - TDK Electronics C2012 Datasheet HTML 57Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
(56/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7S (–55 to +125°C, ±22%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
330 nF
1005
0.50±0.05
±10%
C1005X7S1C334K050BC
±20%
C1005X7S1C334M050BC
470 nF
1005
0.50±0.05
±10%
C1005X7S1C474K050BC
±20%
C1005X7S1C474M050BC
1.5 µF
1608
0.80±0.10
±10%
C1608X7S1C155K080AC
±20%
C1608X7S1C155M080AC
2.2 µF
1608
0.80±0.10
±10%
C1608X7S1C225K080AC
±20%
C1608X7S1C225M080AC
6.8 µF
2012
1.25±0.20
±10%
C2012X7S1C685K125AC
±20%
C2012X7S1C685M125AC
3225
2.50±0.30
±10%
C3225X7S1H685K250AB
±20%
C3225X7S1H685M250AB
10 µF
2012
1.25±0.20
±10%
C2012X7S1E106K125AC
C2012X7S1C106K125AC
±20%
C2012X7S1C106M125AC
3225
2.50±0.30
±10%
C3225X7S1H106K250AB
±20%
C3225X7S1H106M250AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com