Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 21Page - Microchip Technology MCP2030 Datasheet HTML 22Page - Microchip Technology MCP2030 Datasheet HTML 23Page - Microchip Technology MCP2030 Datasheet HTML 24Page - Microchip Technology MCP2030 Datasheet HTML 25Page - Microchip Technology MCP2030 Datasheet HTML 26Page - Microchip Technology MCP2030 Datasheet HTML 27Page - Microchip Technology MCP2030 Datasheet HTML 28Page - Microchip Technology MCP2030 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 25
MCP2030
3.0
PIN DESCRIPTIONS
3.1
Supply Voltage (VDD, VSS)
The VDD pin is the power supply pin for the analog and
digital circuitry within the MCP2030. This pin requires
an appropriate bypass capacitor of 0.1 µF. The voltage
on this pin should be maintained in the 2.0V-3.6V range
for specified operation.
The VSS pin is the ground pin and the current return
path for both analog and digital circuitry of the
MCP2030. If an analog ground plane is available, it is
recommended that this device be tied to the analog
ground plane of the PCB.
3.2
Chip Select (CS)
The CS pin needs to stay high when the device is
receiving input signals. Leaving the CS pin low will
place the device in the SPI Programming mode.
The CS pin is an open collector output. This pin has an
internal pull-up resistor to ensure that no spurious SPI
communication occurs between power-up and pin
configuration of the MCU.
3.3
SPI Clock Input (SCLK/ALERT)
This pin becomes the SPI clock input (SCLK) when CS
is low, and becomes the ALERT output when CS is
high.
The ALERT pin is an open collector output. This pin has
an internal pull-up resistor to ensure that no spurious
SPI communication occurs between power-up and pin
configuration of the MCU.
3.4
Received Signal Strength
Indicator (RSSI)
This pin becomes the Received Signal Strength Indicator
(RSSI) output current sink when the RSSI output option
is selected.
TABLE 3-1:
PIN FUNCTION TABLES
Pin No.
Symbol
I/O/P
Function
1VSS
P
Ground Pin.
2CS
I
Chip Select Digital Input Pin.
3
SCLK/ALERT
I/O
Clock input for the modified 3-wire SPI interface.
ALERT output: This pin goes low if there is a parity error in the
Configuration register or the 32 ms alarm timer is timed out.
4
RSSI
O
Received Signal Strength Indicator (RSSI) current output.
5
NC
N/A
No Connect.
6
LFDATA/CCLK/SDIO
I/O
Demodulated data output.
Carrier clock output.
Serial input or output data for the modified 3-wire SPI interface.
7VDD
P
Positive Supply Voltage Pin.
8VDD
P
Positive Supply Voltage Pin.
9
LCZ
I
Input pin for external LC antennas.
10
LCY
I
Input pin for external LC antennas.
11
LCX
I
Input pin for external LC antennas.
12
NC
N/A
No Connect.
13
LCCOM
I
Common reference input for the external LC antennas.
14
VSS
P
Ground Pin.
Type Identification: I = Input; O = Output; P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com