Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 36Page - Microchip Technology MCP2030 Datasheet HTML 37Page - Microchip Technology MCP2030 Datasheet HTML 38Page - Microchip Technology MCP2030 Datasheet HTML 39Page - Microchip Technology MCP2030 Datasheet HTML 40Page - Microchip Technology MCP2030 Datasheet HTML 41Page - Microchip Technology MCP2030 Datasheet HTML 42Page - Microchip Technology MCP2030 Datasheet HTML 43Page - Microchip Technology MCP2030 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
MCP2030
DS21981A-page 40
© 2005 Microchip Technology Inc.
5.20
Soft Reset
The Soft Reset is issued in the following events:
a)
After Power-on Reset (POR),
b)
After Inactivity timer time-out,
c)
If an “Abort” occurs,
d)
After receiving SPI Soft Reset command.
The “Abort” occurs if there is no positive signal
detected at the end of the AGC initialization period
(TAGC). The Soft Reset initializes internal circuits and
brings the device into a low current Standby mode
operation. The internal circuits that are initialized by the
Soft Reset include:
• Output Enable Filter
•AGC circuits
• Demodulator
• 32 kHz Internal Oscillator
The Soft Reset has no effect on the Configuration register
setup, except for some of the AFE STATUS Register 7
bits. (Register 5-8).
The circuit initialization takes one internal clock cycle
(1/32 kHz = 31.25
μs). During the initialization, the
modulation
transistors
between
each
input
and
LCCOM pins are turned-on to discharge any internal/
external parasitic charges. The modulation transistors
are turned-off immediately after the initialization time.
The Soft Reset is executed in Active mode only. It is not
valid in Standby mode.
5.21
Minimum Modulation Depth
Requirement for Input Signal
The device demodulates the modulated input signal if
the modulation depth of the input signal is greater than
the minimum requirement that is programmed in
Configuration Register 5 (Register 5-6). Figure 5-5
shows the definition of the modulation depth and
examples. MODMIN<6:5> of the Configuration Register
5 offer four options. They are 60%, 33%, 14% and 6%.
The default setting is 33%.
The purpose of this feature is to enhance the
demodulation integrity of the input signal. The 6%
setting is the best choice for the input signal with weak
modulation depth, which is typically observed near the
high-voltage base station antenna and also at far-
distance from the base station antenna. It gives the
best demodulation sensitivity, but is very susceptible to
noise spikes that can result in a bit detection error. The
60% setting can reduce the bit errors caused by noise,
but gives the least demodulation sensitivity. See
Table 5-3 for minimum modulation depth requirement
settings.
TABLE 5-3:
SETTING FOR MINIMUM
MODULATION DEPTH
REQUIREMENT
MODMIN Bits
(Config. Register 5)
Modulation Depth
Bit 6
Bit 5
00
33% (default)
01
60%
10
14%
11
8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com