Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 3 Page - Microchip Technology

  MCP2030 Datasheet HTML 1Page - Microchip Technology MCP2030 Datasheet HTML 2Page - Microchip Technology MCP2030 Datasheet HTML 3Page - Microchip Technology MCP2030 Datasheet HTML 4Page - Microchip Technology MCP2030 Datasheet HTML 5Page - Microchip Technology MCP2030 Datasheet HTML 6Page - Microchip Technology MCP2030 Datasheet HTML 7Page - Microchip Technology MCP2030 Datasheet HTML 8Page - Microchip Technology MCP2030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 3
MCP2030
1.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias...................-40°C to +125°C
Storage temperature .................................... -65°C to +150°C
Voltage on VDD with respect to VSS ............... -0.3V to +6.5V
Voltage on all other pins with
respect to VSS ...................................... -0.3V to (VDD + 0.3V)
Maximum current out of VSS pin .................................300 mA
Maximum current into VDD pin ....................................250 mA
Maximum LC Input Voltage
(LCX, LCY, LCZ) loaded, with device........................ 10.0 VPP
Maximum LC Input Voltage
(LCX, LCY, LCZ) unloaded, without device............. 700.0 VPP
Maximum Input Current (rms) into device
per LC Channel .............................................................10 mA
Human Body ESD rating ....................................2000 (min.) V
Machine Model ESD rating ..................................200 (min.) V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
DC Characteristics
Electrical Specifications: Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ TA ≤ +85°C
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Parameters
Sym.
Min.
Typ†
Max.
Units
Conditions
Supply Voltage
VDD
2.0
3.0
3.6
V
VDD Start Voltage to ensure internal
Power-on Reset signal
VPOR
——
1.8
V
Modulation Transistor-on Resistance
RM
—50
100
Ω
VDD = 3.0V
Active Current (detecting signal)
1 LC Input Channel Receiving Signal
3 LC Input Channel Receiving Signals
IACT
—
—
10
13
—
18
μA
μA
CS = VDD
Input = Continuous Wave (CW);
Amplitude = 300 mVPP.
All channels enabled.
Standby Current (wait to detect signal)
1 LC Input Channel Enabled
2 LC Input Channels Enabled
3 LC Input Channels Enabled
ISTDBY
—
—
—
2
3
4
5
6
7
μA
μA
μA
CS = VDD; ALERT = VDD
Sleep Current
ISLEEP
—0.2
1
μACS = V
DD; ALERT = VDD
Analog Input Leakage Current
LCX, LCY, LCZ
LCCOM
IAIL
—
—
—
—
± 1
± 1
μA
μA
VDD = 3.6V, VSS ≤ VIN ≤ 1V with respect to
ground. Internal tuning capacitors are switched
off, tested in Sleep mode.
Digital Input Low Voltage
VIL
VSS
—
0.3 VDD
V
SCLK, SDI, CS
Digital Input High Voltage
VIH
0.8 VDD
—VDD
V
SCLK, SDI, CS
Digital Input Leakage Current (Note 1)
SDI
SCLK, CS
IIL
—
—
—
—
± 1
± 1
μA
μA
VDD = 3.6V
VSS ≤ VPIN ≤ VDD
VPIN ≤ VDD
Digital Output Low Voltage
ALERT, LFDATA/SDIO
VOL
——
VSS + 0.4
V
Analog Front-End section
IOL = 1.0 mA, VDD = 2.0V
Digital Output High Voltage
ALERT, LFDATA/SDIO
VOH
VDD - 0.5
—
—
V
IOH = -400
μA, V
DD = 2.0V
Digital Input Pull-Up Resistor
CS, SCLK
RPU
50
200
350
k
Ω
VDD = 3.6V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, +25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com