Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 22Page - Microchip Technology MCP2030 Datasheet HTML 23Page - Microchip Technology MCP2030 Datasheet HTML 24Page - Microchip Technology MCP2030 Datasheet HTML 25Page - Microchip Technology MCP2030 Datasheet HTML 26Page - Microchip Technology MCP2030 Datasheet HTML 27Page - Microchip Technology MCP2030 Datasheet HTML 28Page - Microchip Technology MCP2030 Datasheet HTML 29Page - Microchip Technology MCP2030 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
MCP2030
DS21981A-page 26
© 2005 Microchip Technology Inc.
3.5
Demodulated Data Output (LFDATA)
Carrier Clock Output (CCLK)
SPI Data I/O (SDIO)
When the CS pin is high, this pin is an output pin for
demodulated data or carrier clock depending on output
type selection. When carrier clock output (CCLK) is
selected, the LFDATA output is a square pulse of the
input carrier clock and is available as soon as the AGC
stabilization time (TSTAB) is completed.
When the CS pin is low, this pin becomes the SPI data
input and output (SDIO).
3.6
LC Input (LCX, LCY, LCZ)
These pins are the input pins for the external LC
resonant antenna circuits. The antenna circuits are
connected between the LC pin and the LCCOM pin.
3.7
LC Common Reference (LCCOM)
This pin is the common reference input pin for the
external LC resonant circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com