Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 5Page - Microchip Technology MCP2030 Datasheet HTML 6Page - Microchip Technology MCP2030 Datasheet HTML 7Page - Microchip Technology MCP2030 Datasheet HTML 8Page - Microchip Technology MCP2030 Datasheet HTML 9Page - Microchip Technology MCP2030 Datasheet HTML 10Page - Microchip Technology MCP2030 Datasheet HTML 11Page - Microchip Technology MCP2030 Datasheet HTML 12Page - Microchip Technology MCP2030 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 9
MCP2030
FIGURE 2-9:
Typical RSSI Output Current
vs. Input Signal Strength.
FIGURE 2-10:
Typical Tuned Capacitance
Value vs. Configuration Register Bit Setting
(VDD = 3V, Temperature = +25°C.
FIGURE 2-11:
Typical Tuned Capacitance
Value vs. Configuration Register Bit Setting
(VDD = 3V,Temperature = -40°C.
FIGURE 2-12:
Typical Tuned Capacitance
Value vs. Configuration Register Bit Setting
(VDD = 3V,Temperature = +85°C.
0
20
40
60
80
100
120
Input Voltage (V)
-40°C
+85°C
+25°C
0
10
20
30
40
50
60
70
0
204060
80
Bit Setting (Steps)
Ch. X
Ch. Y
Ch. Z
0
10
20
30
40
50
60
70
0
20
406080
Bit Setting (steps)
Ch. X
Ch. Y
Ch. Z
0
10
20
30
40
50
60
70
0
20406080
Bit Setting (Steps)
Ch. X
Ch. Y
Ch. Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com