Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 6Page - Microchip Technology MCP2030 Datasheet HTML 7Page - Microchip Technology MCP2030 Datasheet HTML 8Page - Microchip Technology MCP2030 Datasheet HTML 9Page - Microchip Technology MCP2030 Datasheet HTML 10Page - Microchip Technology MCP2030 Datasheet HTML 11Page - Microchip Technology MCP2030 Datasheet HTML 12Page - Microchip Technology MCP2030 Datasheet HTML 13Page - Microchip Technology MCP2030 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MCP2030
DS21981A-page 10
© 2005 Microchip Technology Inc.
FIGURE 2-13:
Examples of RSSI Output
Current Variations Between Channel to Channel
and Device to Device at Room Temperature.
FIGURE 2-14:
Example of Typical TDR
Changes over Temperature.
Input Signal Condition: Amplitude = 300 mVPP,
Modulation Depth = 100 %.
FIGURE 2-15:
Example of Typical TDF
Changes over Temperature.
Input Signal Condition: Amplitude = 300 mVPP,
Modulation Depth = 100 %.
0
10
20
30
40
50
60
70
80
02
468
Input Voltage (V)
Ch-X
Ch-Y
Ch-Z
0
10
20
30
40
50
60
70
80
02468
Input Voltage (V)
Ch-X
Ch-Y
Ch-Z
Device (a)
Device (b)
Device (c)
Note:
Equal amplitude is applied to each channel.
0
10
20
30
40
50
60
70
80
0246
8
Input Voltage (V)
Ch-X
Ch-Y
Ch-Z
0
10
20
30
40
50
60
70
80
90
100
85C
25C
-20C
-40C
Temperature (°C)
8%
14%
33%
60%
0
10
20
30
40
50
60
85C
25C
-20C
-40C
Temperature (°C)
8%
14%
33%
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com