Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 24Page - Microchip Technology MCP2030 Datasheet HTML 25Page - Microchip Technology MCP2030 Datasheet HTML 26Page - Microchip Technology MCP2030 Datasheet HTML 27Page - Microchip Technology MCP2030 Datasheet HTML 28Page - Microchip Technology MCP2030 Datasheet HTML 29Page - Microchip Technology MCP2030 Datasheet HTML 30Page - Microchip Technology MCP2030 Datasheet HTML 31Page - Microchip Technology MCP2030 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
MCP2030
DS21981A-page 28
© 2005 Microchip Technology Inc.
4.2
Application Examples
Figure 4-2 shows an example of an external circuit for
a bidirectional communication transponder application.
Each LC input pin is connected to an external LC
resonant circuit. To achieve the best performance, the
resonant frequency of the LC circuit needs to be
matched to the detecting carrier frequency of interest.
The resonant frequency is given by the following
equation:
In typical 125 kHz applications, the L value is a few mH,
and the C value is a few hundred pF, for example,
L = 4.9 mH, and C = 331 pF.
The resonant frequency can be fine-tuned by program-
ming the internal tuning capacitors.
The output of the MCP2030 is fed into the external
MCU. The external MCU can send data by clamping on
and clamping off the MCP2030 coil voltages using an
SPI command, or via a UHF transmitter.
The RSSI output of the MCP2030 can be digitized by
the MCU firmware. Users can also consider using a
MCU that has an internal analog-to-digital converter
(ADC) such as the PIC16F684 or a stand-alone ADC
device.
Figure 4-3 shows an example of a hands-free Passive
Keyless Entry (PKE) system. The base station unit
transmits an LF command. The MCP2030 detects the
base station command and feeds the detected output
to the external MCU (PIC16F636). If the command is
correct, the MCU responds via an external UHF
transmitter or by using the LF talk-back modulators of
the MCP2030 device.
Figure 4-4 shows an example when the device is used
for a tire pressure monitoring sensor application. The
device detects the LF Initiator commands and transmits
the tire pressure data to the base station via an external
UHF transmitter.
FIGURE 4-2:
Example of External Circuits for Bidirectional Communication Transponder Applications.
f
o
1
2
π LC
------------------
=
NC
LCCOM
LCX
VSS
LFDATA/CCLK/SDIO
VDD
LCZ
LCY
VSS
CS
SCLK/ALERT
RSSI
NC
VDD
PIC16F636/684
To ADC
+3V
air-core
coil
ferrite-core
coil
ferrite-core coil
MCP2030
+3V
RF Circuitry
(UHF TX)
315/434 MHz
SW1
SW2
SW3
SW4
C
L
C
L
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com