Electronic Components Datasheet Search
  English  ▼

X  

MCP2030 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 40Page - Microchip Technology MCP2030 Datasheet HTML 41Page - Microchip Technology MCP2030 Datasheet HTML 42Page - Microchip Technology MCP2030 Datasheet HTML 43Page - Microchip Technology MCP2030 Datasheet HTML 44Page - Microchip Technology MCP2030 Datasheet HTML 45Page - Microchip Technology MCP2030 Datasheet HTML 46Page - Microchip Technology MCP2030 Datasheet HTML 47Page - Microchip Technology MCP2030 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
MCP2030
DS21981A-page 44
© 2005 Microchip Technology Inc.
5.30.2
CARRIER CLOCK OUTPUT
When the carrier clock output is selected, the LFDATA
output is a square pulse of the input carrier clock and
available as soon as the AGC stabilization time (TAGC)
is completed. There are two Configuration register
options for the carrier clock output: (a) clock divide-by
one or (b) clock divide-by four, depending on bit
DATOUT<7> of Configuration Register 2 (Register 5-
3). The carrier clock output is available immediately
after the AGC settling time. The Output Enable Filter,
AGCSIG, and MODMIN options are applicable for the
carrier clock output in the same way as the demodu-
lated output. The input channel can be individually
enabled or disabled for the output. If more than one
channel is enabled, the output is the sum of each out-
put of all enabled channels. Therefore, the carrier clock
output waveform is not as precise as when only one
channel is enabled. It is recommended to enable one
channel only if a precise output waveform is desired.
There will be no valid output if all three channels are
disabled. See Figure 2-32 for carrier clock output
examples.
Related Configuration register bits:
• Configuration Register 1 (Register 5-2),
DATOUT <8:7>:
bit 8 bit 7
00
: Demodulator Output
01
: Carrier Clock Output
10
: RSSI Output
11
: RSSI Output
• Configuration Register 2 (Register 5-3),
CLKDIV<7>:
0
: Carrier Clock/1
1
: Carrier Clock/4
• Configuration Register 0 (Register 5-1): all bits
are affected
• Configuration Register 5 (Register 5-6)
5.30.3
RECEIVED SIGNAL STRENGTH
INDICATOR (RSSI) OUTPUT
An analog current output is available at the RSSI pin
when the Received Signal Strength Indicator (RSSI)
output is selected by the Configuration register. The
analog current is linearly proportional to the input signal
strength.
All timers in the circuit, such as inactivity timer, alarm
timer, and AGC initialization time, are disabled during
the RSSI mode. Therefore, the RSSI output is not
affected by the AGC stabilization time, and available
immediately when the RSSI option is selected. The
device enters Active mode immediately when the RSSI
output is selected.
When the device receives an SPI command during the
RSSI output, the RSSI mode is temporary disabled
until the SPI communication is completed. It returns to
the RSSI mode again after the SPI communication is
completed. The RSSI mode is held until another
output type is selected (CS low turns off the RSSI
signal). To obtain the RSSI output for a particular input
channel, or to save operating power, the input channel
can be individually enabled or disabled. If more than
one channel is enabled, the RSSI output is from the
strongest signal channel. There will be no valid output
if all three channels are disabled.
The RSSI output current is linearly proportional to the
input signal strength. There are variations between
channel to channel and device to device. See
Figure 2-13 for examples. The linearity (ILRRSSI) of
the RSSI output current is tested by sampling the
outputs for three input points: 37 mVPP, 100 mVPP,
and 370 mVPP. The RSSI output current for 100 mVPP
of input signal is compared with the expected output
current obtained from the line that is connecting the
two endpoints (37 mVPP and 370 mVPP). Equation 5-1
and Figure 5-7 show the details for the RSSI linearity
specification.
EQUATION 5-1:
RSSI LINEARITY
SPECIFICATION
FIGURE 5-7:
RSSI Linearity Test
Example.
ILRRSSI(%) =
Deviation at 100 mVPP of Input Signal
IRSSI for 370 mVPP of Input Signal
where,
Deviation at 100 mVPP of Input Signal =
[IRSSI measured - IRSSI expected] at 100 mVPP of input
signal.
IRSSI expected = RSSI current obtained from the line
that is connecting two endpoints (RSSI output currents
for 37 mVPP and 370 mVPP of inputs).
x 100%
y
x
37 mVPP
100 mVPP
370 mVPP
y = a+bx
= Measured
= Expected
d
d = Deviation
Input Signal Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com