Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5628 Datasheet HTML 3Page - Analog Devices AD5628 Datasheet HTML 4Page - Analog Devices AD5628 Datasheet HTML 5Page - Analog Devices AD5628 Datasheet HTML 6Page - Analog Devices AD5628 Datasheet HTML 7Page - Analog Devices AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices AD5628 Datasheet HTML 10Page - Analog Devices AD5628 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 7 of 24
10
10
pF
RL=2 kΩ
DC Output Impedance
0.5
0.5
Ω
Short Circuit Current
30
30
mA
VDD=+3V
Power-Up Time
5
5
µs
Coming Out of Power-Down Mode.
VDD=+3V
REFERENCE INPUTS3
Reference Input voltage
VDD
VDD
V
±1% for specified performance
Reference Current
20
20
20
20
µ A
VREF = VDD = +3.6V (per DAC
channel)
Reference Input Range
0
VDD
0
VDD
Reference Input Impedance
14.6
14.6
kΩ
Per DAC channel
REFERENCE OUTPUT
Output Voltage
AD5628/AD5648/AD5668x-
1
1.248
1.25
1.252
1.248
1.25
1.252
V
Reference TC
±10
±10
ppm/°C
Reference Output
Impedance
2
2
kΩ
LOGIC INPUTS3
Input Current
±1
±1
µA
VINL, Input Low Voltage
0.8
0.8
V
VDD=+3 V
VINH, Input High Voltage
2
2
V
VDD=+3 V
Pin Capacitance
3
3
pF
POWER REQUIREMENTS
VDD
2.7
3.6
2.7
3.6
V
All Digital Inputs at 0 or VDD
IDD (Normal Mode)8
DAC Active and Excluding Load
Current
VDD=2.7 V to +3.6 V
2
4
2
4
mA
VIH=VDD and VIL=GND
IDD (All Power-Down
Modes)9
VDD=2.7 V to +3.6 V
0.2
1
0.2
1
µA
VIH=VDD and VIL=GND
POWER EFFICIENCY
IOUT/IDD
89
89
%
ILOAD=2 mA, VDD=+5 V
AC CHARACTERISTICS1
(VDD = +2.7 V to +3.6 V; RL = 2 kΩ to GND; CL = 200 pF to GND; External REFIN = VDD; all specifications TMIN to TMAX unless otherwise
noted)
Parameter2
Min
Typ
Max
Unit
B Version 1
Conditions/Comments
Output Voltage Settling Time
AD5628
6
8
µs
¼ to ¾ scale settling to ±2LSB
AD5648
7
9
µs
¼ to ¾ scale settling to ±2LSB
AD5668
8
10
µs
¼ to ¾ scale settling to ±2LSB
Settling Time for 1LSB Step
Slew Rate
1.5
V/µs
Digital-to-Analog Glitch Impulse
10
nV-s
1 LSB Change Around Major Carry. See Figure 21.
Channel –to-Channel Isolation
100
dB
Digital Feedthrough
0.5
nV-s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com