Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices AD5628 Datasheet HTML 10Page - Analog Devices AD5628 Datasheet HTML 11Page - Analog Devices AD5628 Datasheet HTML 12Page - Analog Devices AD5628 Datasheet HTML 13Page - Analog Devices AD5628 Datasheet HTML 14Page - Analog Devices AD5628 Datasheet HTML 15Page - Analog Devices AD5628 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 12 of 24
taking the various offset and gain errors into account. A typical
TUE vs. code plot can be seen in Figure 4.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV secs and
is measured when the digital input code is changed by 1 LSB at the
major carry transition (7FFF Hex to 8000 Hex). See Figure 19.
DC Power Supply Rejection Ratio (PSRR)
This indicates how the output of the DAC is affected by changes in
the supply voltage. PSRR is the ratio of the change in VOUT
to a change in VDD for full-scale output of the DAC. It is
measured in dB. VREF is held at 2 V and VDD is varied ±10%.
DC Crosstalk
This is the dc change in the output level of one DAC in response to
a change in the output of another DAC. It is measured with a full-
scale output change on one DAC while monitoring another DAC
kept at midscale. It is expressed in µV.
Reference Feedthrough
This is the ratio of the amplitude of the signal at the DAC output to
the reference input when the DAC output is not being updated
(i.e., LDAC is high). It is expressed in dB.
Channel-to-Channel Isolation
This is the ratio of the amplitude of the signal at the output of one
DAC to a sine wave on the reference input of another DAC. It is
measured in dB.
Major-Code Transition Glitch Energy
Major-code transition glitch energy is the energy of the impulse
injected into the analog output when the code in the DAC register
changes state. It is normally specified as the area of the glitch in
nV-s and is measured when the digital code is changed by 1 LSB at
the major carry transition (011 . . . 11 to 100 . . . 00 or 100 . . . 00 to
011 . . . 11).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of a DAC from the digital input pins of the device,
but is measured when the DAC is not being written to (SYNC held
high). It is specified in nV-s and is measured with a fullscale
change on the digital input pins, i.e., from all 0s to all 1s and vice
versa.
Digital Crosstalk
This is the glitch impulse transferred to the output of one DAC at
midscale in response to a full-scale code change (all 0s to all 1s and
vice versa) in the input register of another DAC. It is measured in
standalone mode and is expressed in nV-s.
Analog Crosstalk
This is the glitch impulse transferred to the output of one DAC due
to a change in the output of another DAC. It is measured by
loading one of the input registers with a full-scale code change (all
0s to all 1s and vice versa) while keeping LDAC high. Then pulse
LDAC low and monitor the output of the DAC whose digital code
was not changed. The area of the glitch is expressed in nV-s.
DAC-to-DAC Crosstalk
This is the glitch impulse transferred to the output of one DAC due
to a digital code change and subsequent output change of another
DAC. This includes both digital and analog crosstalk. It is
measured by loading one of the DACs with a full-scale code change
(all 0s to all 1s and vice versa) with LDAC low and monitoring the
output of another DAC. The energy of the glitch is expressed in
nV-s.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is a measure of this. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on the
output. The multiplying bandwidth is the frequency at which the
output amplitude falls to 3 dB below the input.
Total Harmonic Distortion
This is the difference between an ideal sine wave and its attenuated
version using the DAC. The sine wave is used as the reference for
the DAC, and the THD is a measure of the harmonics present on
the DAC output. It is measured in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com