Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5628 Datasheet HTML 12Page - Analog Devices AD5628 Datasheet HTML 13Page - Analog Devices AD5628 Datasheet HTML 14Page - Analog Devices AD5628 Datasheet HTML 15Page - Analog Devices AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices AD5628 Datasheet HTML 18Page - Analog Devices AD5628 Datasheet HTML 19Page - Analog Devices AD5628 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 16 of 24
GENERAL DESCRIPTION
D/A Section
The AD5628/AD5648/AD5668 DACs are fabricated on a
CMOS process. The architecture consists of a string DAC
followed by an output buffer amplifier. The parts include an
internal 1.25/2.5V, 10ppm/°C reference with an internal gain of
two. Figure 22 shows a block diagram of the DAC architecture.
VOUT
OUTPUT
AMPLIFIER
(Gain=2)
VDD
GND
RESISTOR
STRING
REF (+)
REF (­)
DAC REGISTER
Figure 22. DAC Architecture
Since the input coding to the DAC is straight binary, the ideal
output voltage is given by:
⎟
⎠
⎞
⎜
⎝
⎛
×
=
N
D
ext
Vref
V
OUT
^
2
)
(
⎟
⎠
⎞
⎜
⎝
⎛
×
∗
=
N
D
Vref
V
OUT
^
2
(int)
2
where D = decimal equivalent of the binary code that is loaded
to the DAC register;
0 - 4095 for AD5628 (12 bit)
0 - 16383 for AD5648 (14 bit)
0 - 65535 for AD5668 (16 bit)
N = the DAC resolution
Figure 23. Resistor String
Resistor String
The resistor string section is shown in Figure 23. It is simply a
string of resistors, each of value R. The code loaded to the DAC
register determines at which node on the string the voltage is
tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
Output Amplifier
The output buffer amplifier is capable of generating rail-to-rail
voltages on its output which gives an output range of 0 V to
VDD. It is capable of driving a load of 2 kΩ in parallel with 1000
pF to GND. The source and sink capabilities of the output
amplifier can be seen in Figure 10 and Figure 11. The slew rate
is 1.5 V/µs with a half-scale settling time of 8 µs with the output
unloaded.
SERIAL INTERFACE
The AD5628/AD5648/AD5668 has a three-wire serial interface
(SYNC, SCLK and DIN), which is compatible with SPI, QSPI
and MICROWIRE interface standards as well as most DSPs. See
Figure 2 for a timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 32-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 50 MHz, making the AD5628/AD5648/AD5668 compatible
with high speed DSPs. On the 32nd falling clock edge, the last
data bit is clocked in and the programmed function is executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com