Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5628 Datasheet HTML 13Page - Analog Devices AD5628 Datasheet HTML 14Page - Analog Devices AD5628 Datasheet HTML 15Page - Analog Devices AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices AD5628 Datasheet HTML 18Page - Analog Devices AD5628 Datasheet HTML 19Page - Analog Devices AD5628 Datasheet HTML 20Page - Analog Devices AD5628 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 17 of 24
(i.e., a change in DAC register contents and/or a change in the
mode of operation). At this stage, the SYNC line may be kept
low or be brought high. In either case, it must be brought high
for a minimum of 50 ns before the next write sequence so that a
falling edge of SYNC can initiate the next write sequence. Since
the SYNC buffer draws more current when VIN = 2V than it
does when VIN = 0.8 V, SYNC should be idled low between
write sequences for even lower power operation of the part. As
is mentioned above, however, it must be brought high again just
before the next write sequence.
Input Shift Register
The input shift register is 32 bits wide (see Figure 24). The first
four bits are “don’t cares.” The next four bits are the Command
bits C3-C0, (see Table 1) followed by the 4-bit DAC address
A3-A0, (see Table 2) and finally the 16/14/12-bit data word.
The data word comprises the 16- 14- 12- bit input code
followed by 4, 6 or 8 don’t care bits, the AD5668, AD5648 and
AD5628 respectively. See figure 24, 25, 26. These data bits are
transferred to the DAC register on the 32nd falling edge of
SCLK.
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
XX
X
X
DB0 (LSB)
Figure 24 AD5668. Input Register Contents
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
XX
X
X
DB0 (LSB)
Figure 25. AD5648. Input Register Contents
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
XX
X
X
DB0 (LSB)
Figure 26. AD5628 Input Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com