Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 3 Page - Analog Devices

  AD5628 Datasheet HTML 1Page - Analog Devices AD5628 Datasheet HTML 2Page - Analog Devices AD5628 Datasheet HTML 3Page - Analog Devices AD5628 Datasheet HTML 4Page - Analog Devices AD5628 Datasheet HTML 5Page - Analog Devices AD5628 Datasheet HTML 6Page - Analog Devices AD5628 Datasheet HTML 7Page - Analog Devices AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 3 of 24
AD5628/AD5648/AD5668–SPECIFICATIONS
(VDD = +4.5 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; External REFIN = VDD; all specifications TMIN to TMAX unless otherwise
noted)
Table 1.
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
B Version 1,2
Conditions/Comments
STATIC PERFORMANCE3,4
AD5628
Resolution
12
12
Bits
Relative Accuracy
±0.5
±6
±0.5
±1
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed Monotonic by Design. See
Figure 5.
AD5648
Resolution
14
14
Bits
Relative Accuracy
±2
±8
±2
±4
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed Monotonic by Design. See
Figure 5.
AD5668
Resolution
16
16
Bits
Relative Accuracy
±32
±16
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed Monotonic by Design. See
Figure 5.
Load Regulation
2
2
LSB/mA
VDD=Vref=5V, Midscale Iout=0mA to
15mA sourcing/sinking
Zero Code Error
+1
+9
+1
+9
mV
All Zeroes Loaded to DAC Register. See
Figure 8.
Zero Code Error Drift3
±20
±20
µV/°C
Full-Scale Error
-0.15
-1.25
-0.15
-1.25
% of FSR
All Ones Loaded to DAC Register. See
Figure 8.
Gain Error
±1.5
±1.5
% of FSR
Gain Temperature
Coefficient
±5
±5
ppm
of FSR/°C
Offset Error
±1
±9
±1
±9
mV
Offset Temperature
Coefficient
1.7
1.7
µV/°C
DC Power Supply Rejection
Ratio6
–80
–80
dB
VDD ±10%
DC Crosstalk6 (Ext Ref)
10
10
µV
RL = 2 k. to GND or VDD
4.5
4.5
µV/mA
Due to Load current change
10
10
µV
Due to Powering Down (per channel)
DC Crosstalk6 (Int Ref)
20
20
µV
RL = 2 k. to GND or VDD
4.5
4.5
µV/mA
Due to Load current change
20
20
µV
Due to Powering Down (per channel)
1 Temperature ranges are as follows: B Version: -40°C to +125°C, typical at 25°C.
2 Linearity calculated using a reduced code range of 485 to 64714. Output unloaded.
3DC specifications tested with the outputs unloaded unless stated otherwise.
4Linearity is tested using a reduced code range: AD5628 (Code 48 to Code 4047), AD5648 (Code / to Code /), and AD5668 (Code 485 to 64714).
6Guaranteed by design and characterization; not production tested.
8Interface inactive. All DACs active. DAC outputs unloaded.
9All eight DACs powered down.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com