Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 1 Page - Analog Devices

  AD5628 Datasheet HTML 1Page - Analog Devices AD5628 Datasheet HTML 2Page - Analog Devices AD5628 Datasheet HTML 3Page - Analog Devices AD5628 Datasheet HTML 4Page - Analog Devices AD5628 Datasheet HTML 5Page - Analog Devices AD5628 Datasheet HTML 6Page - Analog Devices AD5628 Datasheet HTML 7Page - Analog Devices AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Octal, 12-14-16 Bit Dac with 10ppm/°C Max
On-Chip Reference in 14-Lead TSSOP
Preliminary Technical Data
AD5628/AD5648/AD5668
FEATURES
Low Power Smallest Pin compatible Octal DACs
AD5668: 16 Bits
AD5648: 14 Bits
AD5628: 12 Bits
12-Bit Accuracy Guaranteed
14/16-Lead TSSOP Package
On-chip 1.25/2.5V, 10ppm/°C Reference
Power-Down to 200 nA @ 5V, 50 nA @ 3V
3V/5V Power Supply
Guaranteed Monotonic by Design
Power-On-Reset to Zero/Midscale
Three Power-Down Functions
Hardware /LDAC and /CLR functions
Rail-to-Rail Operation
Temperature Range -40°C to +125°C
APPLICATIONS
ProcessControl
Data Acquisition Systems
Portable Battery Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
INTERFACE
LOGIC
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGIS-
TER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
STRING
DAC C
STRING
DAC A
STRING
DAC B
STRING
DAC D
STRING
DAC E
STRING
DAC F
STRING
DAC G
STRING
DAC H
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
DIN
LDAC
POWER-DOWN
LOGIC
GND
VOUTB
VOUTC
VOUTD
VOUTE
VOUTG
VOUTH
VOUTF
VDD
POWER-ON
RESET
LDA C*
VOUTA
VREF
SYNC
SCLK
AD5628/AD5648/AD5668
CLR*
*RU-16 PACKAGE ONLY
1.25/2.5V
Ref
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The AD5628/48/68 family of devices are low power, octal, 12-
14-16-bit buffered voltage-out DACs. All devices operate from
a single +2.7V to +5.5V, and are guaranteed monotonic by
design.
The AD5628/48/68 have an on-chip reference with an internal
gain of two. The AD56x8-1 has a 1.25V 10ppm/°C max
reference and the AD56x8-2,-3 have a 2.5V 10ppm/°C max
reference. The on-board reference is off at power-up allowing
the use of an external reference. The internal reference is
turned on by writing to the DAC. The part incorporates a
power-on-reset circuit that ensures that the DAC output
powers up to zero volts (AD56x8-1,-2/) or midscale (AD5668-
3) and remains there until a valid write takes place. The part
contains a power-down feature that reduces the current
consumption of the device to 200nA at 5V and provides
software selectable output loads while in power-down mode for
any or all DACs channels.
The outputs of all DACs may be updated simultaneously using
the /LDAC function, with the added functionality of selecting
through software any number of DAC channels to synchronize.
There is also an asynchronous active low /CLR that clears all
DACs to a software selectable code - 0 V, midscale or fullscale .
The AD5628/48/68 utilizes a versatile three-wire serial
interface that operates at clock rates up to 50 MHz and is
compatible with standard SPI™, QSPI™, MICROWIRE™ and
DSP interface standards. Its on-chip precision output amplifier
allows rail-to-rail output swing to be achieved.
PRODUCT HIGHLIGHTS
1.
Octal 12/14/16-Bit DAC; 12-Bit Accuracy Guaranteed.
2.
On-chip 1.25/2.5V, 10ppm/°C max Reference.
3.
Available in 14/16-lead TSSOP package.
4.
Power-On-Reset to Zero volts or Midscale.
5.
Power-down capability. When powered down, the
DAC typically consumes 50nA at 3V and 200nA at 5V.
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD5628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628ACPZ-1-RL7 AD-AD5628ACPZ-1-RL7 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ACPZ-2-RL7 AD-AD5628ACPZ-2-RL7 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2 AD-AD5628ARUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2REEL7 AD-AD5628ARUZ-2REEL7 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628BCBZ-1-RL7 AD-AD5628BCBZ-1-RL7 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
More results

Similar Description - AD5628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
823Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
AD5678 AD-AD5678 Datasheet
895Kb / 28P
4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Linear Technology
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com