Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices AD5628 Datasheet HTML 18Page - Analog Devices AD5628 Datasheet HTML 19Page - Analog Devices AD5628 Datasheet HTML 20Page - Analog Devices AD5628 Datasheet HTML 21Page - Analog Devices AD5628 Datasheet HTML 22Page - Analog Devices AD5628 Datasheet HTML 23Page - Analog Devices AD5628 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 20 of 24
down modes, the supply current falls to 200 nA at 5 V (50 nA at 3 V). Not only does the supply current fall but the output stage is also
internally switched from the output of the amplifier to a resistor network of known values. This has the advantage that the output
impedance of the part is known while the part is in power-down mode. There are three different options. The output is connected
internally to GND through a 1 kΩ resistor, a 100 kΩ resistor or it is left open-circuited (Tri-State). The output stage is illustrated in
figure 24.
The bias generator of selected DAC(s), the output amplifier, the resistor string and other associated linear circuitry are all shut down
when the power-down mode is activated. However, the contents of the DAC register are unaffected when in power-down. The time to exit
power-down is typically (2.5 µs for VDD = 5 V and 5 µs for VDD = 3 V). See Figure 20 for a plot.
Any combination of DACs can be powered up by setting PD1 and PD0 to “0” (normal operation). Output powers-up to value in input
register (/LDAC Low) or to value in DAC register before Power-Down (/LDAC High).
DB9
DB8
Operating Mode
0
0
Normal Operation
Power Down Modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Tri State
Table 5. Modes of Operation for the AD5628/AD5648/AD5668
MSB
LSB
DB31
–
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB10—
DB19
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
x
0
1
0
0
x
x
x
x
x
PD1
PD0
DacH
DacG
DacF
DacE
DacD
DacC
DacB
DacA
Don’t
Cares
COMMAND BITS (C2-C0)
ADDRESS BITS (A3 – A0)
Don’t cares
Don’t
Cares
Power
Down Mode
Power Down/Up Channel Selection – Set Bit to a “1” to select
Table 6. 32-Bit Input Shift Register Contents for Power Down/Up Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com