Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5628 Datasheet HTML 15Page - Analog Devices AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices AD5628 Datasheet HTML 18Page - Analog Devices AD5628 Datasheet HTML 19Page - Analog Devices AD5628 Datasheet HTML 20Page - Analog Devices AD5628 Datasheet HTML 21Page - Analog Devices AD5628 Datasheet HTML 22Page - Analog Devices AD5628 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 19 of 24
Reference Setup –External to Internal
The on-board reference is turned off at power-up by default. This allows the use of an external reference. The AD5628/48/68 have an on-
chip reference with an internal gain of two. The AD56x8-1 has a 1.25V 10ppm/°C max reference and the AD56x8-2,-3 have a 2.5V
10ppm/°C max reference. The on-board reference can be turned on/off through a software executable REF Setup function, see Table 3.
Command 1000 is reserved for this REF Setup function, see Table 1. The reference mode is software-programmable by setting a bit
(DB0) in the REF Setup register.
Table 4 shows how the state of the bits corresponds to the mode of operation of the device.
REF Setup Register
(DB0)
Action
0
Ref Off (Default)
1
Ref On
Table 3. Reference Set-up Register
MSB
LSB
DB31 –
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB1-
DB19
DB0
x
1
0
0
0
x
x
x
x
x
1/0
Don’t
Cares
COMMAND BITS (C3-C0)
ADDRESS BITS (A3 – A0)
Don’t
Cares
REF Setup
Register
Table 4 32-Bit Input Shift Register Contents for Reference Setup Function
Power-On-Reset
The AD5628/AD5648/AD5668 family contains a power-on-reset circuit that controls the output voltage during power-up. The
AD5628/AD5648/AD5668x-1/2 DAC output powers up to zero volts and the AD5668-3 DAC output powers up to midscale. The output
remains there until a valid write sequence is made to the DAC. This is useful in applications where it is important to know the state of the
output of the DAC while it is in the process of powering up.
There is also a software executable Reset function that will reset the DAC to the Power-on -Reset code. Command 0111 is reserved for
this Reset function, see Table 1.
Power-Down Modes
The AD5628/AD5648/AD5668 contains four separate modes of operation. Command 0100 is reserved for the Power-Down function,
see Table 1. These modes are software-programmable by setting two bits (DB9 and DB8) in the control register.
Table 5 shows how the state of the bits corresponds to the mode of operation of the device. Any or all DACs, (DacH to DacA) may be
powered down to the selected mode by setting the corresponding 8 bits (DB7 to DB0) to a “1”. See Table 6 for contents of the Input
Shift Register during power down/up operation.
When both bits are set to 0, the part works normally with its normal power consumption of 250 µA at 5 V. However, for the three power-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com