Electronic Components Datasheet Search
  English  ▼

X  

AD5628 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5628 Datasheet HTML 14Page - Analog Devices AD5628 Datasheet HTML 15Page - Analog Devices AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices AD5628 Datasheet HTML 18Page - Analog Devices AD5628 Datasheet HTML 19Page - Analog Devices AD5628 Datasheet HTML 20Page - Analog Devices AD5628 Datasheet HTML 21Page - Analog Devices AD5628 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 18 of 24
Table 1. Command Definition
Table2. Address Command
SYNC Interrupt
In a normal write sequence, the SYNC line is kept low for 32 falling edges of SCLK and the DAC is updated on the 32nd falling edge and
rising edge of SYNC . However, if SYNC is brought high before the 32nd falling edge this acts as an interrupt to the write sequence. The
shift register is reset and the write sequence is seen as invalid. Neither an update of the DAC register contents or a change in the operating
mode occurs—see Figure 27.
DB31
DB0
SCLK
SYNC
DIN
DB31
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 32ND FALLING EDGE
ON THE 32ND FALLING EDGE
Figure 27. SYNC Interrupt Facility
Command
C3
C2
C1
C0
0
0
0
0
Write to Input Register n
0
0
0
1
Update DAC Register n
0
0
1
0
Write to Input Register n,
Update All
0
0
1
1
Write to and Update DAC
channel n
0
1
0
0
Power Down DAC
(Power-up)
0
1
0
1
Load Clear Code Register
0
1
1
0
Load LDAC Register
(LDAC overwrite)
0
1
1
1
Reset (Power-on-Reset)
1
0
0
0
REF Setup Register
1
0
0
1
Reserved
*
*
*
*
Reserved
1
1
1
1
Reserved
ADDRESS (n)
A3
A2
A1
A0
0
0
0
0
DAC A
0
0
0
1
DAC B
0
0
1
0
DAC C
0
0
1
1
DAC D
0
1
0
0
DAC E
0
1
0
1
DAC F
0
1
1
0
DAC G
0
1
1
1
DAC H
1
1
1
1
All DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com