Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD009-041
Page 2 of 14
Version 1.0
3. Package SOP14/16
4. Pads Informa tion
PAD Name
Type
State
After
Reset
Description
Power Input
VDD
I
High
Power input pin.
VSS
I
Low
Ground input pin.
General I/O ports
PA0~PA2
I/O
XXXX PA0~PA2 are programmable I /O ports, with pull up resistor 150K ohm.
Level-change-wakeup function is provided.
PA3/VPP
I
X
PA3 is an input pin only, with pull up resistor 150K.
Level-change-wakeup function is provided.
PB0~PB3
I/O
XX
PB2 and PB3 are programmable I /O ports, with pull up resistor 150K
ohm.
Level-change-wakeup function is provided.
REM
O
X
REM is an large sink open drain output pin, used for IR LED driving.
PD0~PD2
I/O
XXXX PD0 ~ PD2 are programmable I /O ports, with pull up resistor 150K
ohm.
Level-change-wakeup function is provided.
2
3
4
5
6
7
8
14
13
12
11
10
9
PD1
PD2
PB3
PB2
PA2
PD0
PB1
PA0
PA3/VPP
REM
PA1
PB0
VDD
1
VSS
SOP14
AD009-04X
2
3
4
5
6
7
8
15
14
13
12
11
10
9
PA1
PA0
PB3
PB2
PD0
PA2
NC
PB1
PD2
PA3/VPP
REM
PD1
PB0
16
VDD
1
VSS
SOP16
VSS
AD009-041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com